Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371-66AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C371-66AI
Description  UltraLogic 32-Macrocell Flash CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371-66AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C371-66AI Datasheet HTML 1Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 2Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 3Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 4Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 5Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 6Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 7Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 8Page - Cypress Semiconductor CY7C371-66AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C371
7c371: Tuesday, May 26, 1992
Revision: August 9, 1995
4
AC Test Loads and Waveforms
7c3714
7c3715
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
35 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
< 2 ns
< 2 ns
OUTPUT
238W (COM'L)
319W (MIL)
170W (COM'L)
236W (MIL)
99W (COM'L)
136W (MIL)
Equivalent to:
THÉVENIN EQUIVALENT
2.08V (COM'L)
2.13V (MIL)
238W (COM'L)
319W (MIL)
170W (COM'L)
236W (MIL)
(c)
7c3716
Parameter
VX
Output WaveformMeasurement Level
tER (-)
1.5V
VOH
0.5V
VX
0.5V
tER (+)
2.6V
VOL
VX
tEA (+)
1.5V
0.5V
tEA (-)
Vthc
VX
VOL
0.5V
VX
VOH
7c3717
7c3718
7c3719
7c37110
(d) Test Waveforms
Switching Characteristics Over the Operating Range[7]
7C371-143
7C371-110
7C371-83
7C371L-83
7C371-66
7C371L-66
Parameter
Description
Min. Max. Min. Max. Min. Max. Min. Max. Unit
Combinatorial Mode Parameters
tPD
Input to Combinatorial Output
8.5
10
12
15
ns
tPDL
Input to Output Through Transparent Input or
Output Latch
11.5
13
18
22
ns
tPDLL
Input to Output Through Transparent Input and
Output Latches
13.5
15
20
24
ns
tEA
Input to Output Enable
13
14
19
24
ns
tER
Input to Output Disable
13
14
19
24
ns
Input Registered/Latched Mode Parameters
tWL
Clock or Latch Enable Input LOW Time[4]
2.5
3
4
5
ns
tWH
Clock or Latch Enable Input HIGH Time[4]
2.5
3
4
5
ns
tIS
Input Register or Latch SetUp Time
2
2
3
4
ns
tIH
Input Register or Latch Hold Time
2
2
3
4
ns
tICO
Input Register Clock or Latch Enable to Combina
torial Output
12
14
19
24
ns
tICOL
Input Register Clock or Latch Enable to Output
Through Transparent Output Latch
14
16
21
26
ns
Shaded area contains preliminary information.
Note:
6. All AC parameters are measured with 16 outputs switching.
7. This specification is intended to guarantee interface compatibility of
the other members of the CY7C370 family with the CY7C371. This
specification is met for the devices operating at the same ambient tem
perature and at the same power supply voltage.


Similar Part No. - CY7C371-66AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AC CYPRESS-CY7C371I-110AC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AI CYPRESS-CY7C371I-110AI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JC CYPRESS-CY7C371I-110JC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JI CYPRESS-CY7C371I-110JI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371-66AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com