Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

632203 Datasheet(PDF) 2 Page - Lumberg

Part # 632203
Description  Screw terminal blocks, pitch 3.5/5.0/10.0 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

632203 Datasheet(HTML) 2 Page - Lumberg

  632203 Datasheet HTML 1Page - Lumberg 632203 Datasheet HTML 2Page - Lumberg 632203 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61 6322
01/2018
2
*a
hole for test spike Ø 1.3 mm
*b
bore hole of printed circuit board Ø 1.3 mm
*c
dovetail joint without loss of pitch
Environmental conditions
Temperature range
-25 °C/+125 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PA, V-2 according to UL94
Clamp
steel, zinc-plated and chromatiert
Wire protector
CuZn, pre-nickel and tin-plated
Screw
steel, zinc-plated and chromatiert
Mechanical data
Screw size
M2,5
Tightening torque screw
0,4 Nm
Connectable conductors for IDT area
Section min.
0,2 mm² (AWG 24)
Section max.
2,5 mm² (AWG 14)
Connectable conductors for screw clamp
Section stranded wire
0,2–2,5 mm²
AWG 24–14 (UL)/AWG 24–16 (CSA)
Section stranded wire with sleeve
0,2–1,5 mm² (AWG 24–16)
Section solid wire
0,2–2,5 mm²
AWG 24–14 (UL)/AWG 24–16 (CSA)
Stripping length
7 ± 0,5 mm
Electrical data (at Tamb 20 °C)
Rated current
16 A (TU 100 °C)
Rated voltage
630 V AC (IEC)
300 V AC (UL)/300 V-B (CSA)
Material group
I (IEC)/0 (UL) (CTI ≥ 600)
Creepage distance
3,6 mm
Clearance
3,4 mm
Insulation resistance
> 10 GΩ
of 3


Similar Part No. - 632203

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6322 ALPHAWIRE-6322 Datasheet
77Kb / 2P
   Component 1 8 X 1 PAIR
logo
Heyco.
6322 HEYCO-6322 Datasheet
198Kb / 1P
   Male/Female Combination Terminals - 20 Gauge
logo
Visual Communications C...
6322F VCC-6322F Datasheet
97Kb / 1P
   Dual Mounted T-1 LED Block Assembly
logo
Chicago Miniature Lamp,...
6322F11 CML-6322F11 Datasheet
27Kb / 1P
   Dual Mounted T-1 LED Block Assembly
logo
Visual Communications C...
6322F11 VCC-6322F11 Datasheet
97Kb / 1P
   Dual Mounted T-1 LED Block Assembly
More results

Similar Description - 632203

ManufacturerPart #DatasheetDescription
logo
Lumberg
KREG LUMBERG-KREG Datasheet
611Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRMO LUMBERG-KRMO Datasheet
375Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRESL LUMBERG-KRESL Datasheet
551Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRM LUMBERG-KRM Datasheet
487Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRMK LUMBERG-KRMK Datasheet
324Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRE LUMBERG-KRE Datasheet
430Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRESS LUMBERG-KRESS Datasheet
656Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRESW LUMBERG-KRESW Datasheet
642Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRESW0302 LUMBERG-KRESW0302 Datasheet
644Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRMOZ LUMBERG-KRMOZ Datasheet
515Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRMZ LUMBERG-KRMZ Datasheet
428Kb / 3P
   Screw terminal blocks, pitch 3.5/5.0/10.0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com