Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M63800FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M63800FP
Description  7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M63800FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63800FP
7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
Thermal Derating Factor Characteristics
Ambient temperature Ta (°C)
0
0
0.5
1.0
1.5
2.0
25
50
75
100
VS = 10V
VI = 2.4V
Ta = 75°C
Ta = 25°C
Ta = –20°C
Output Saturation Voltage
Output Current Characteristics
Output saturation voltage VCE (sat) (V)
0
0
–400
–300
–200
–100
–500
0.5
1.0
1.5
2.0
2.5
Duty-Cycle-Output Current Characteristics
Duty cycle (%)
0
0
–500
–400
–300
–200
–100
Œ

Ž


’
‘
20
40
60
80
100
Input voltage VI (V)
0
0
–500
–400
–300
–200
–100
0.2
0.4
0.6
0.8
1.0
Duty cycle (%)
0
0
–500
–400
–300
–200
–100
Œ

Ž

’
‘

20
40
60
80
100
Forward bias voltage VF (V)
0
0.5
1.0
1.5
0
500
400
300
200
100
2.0
Duty-Cycle-Output Current Characteristics
Grounded Emitter Transfer Characteristics
Clamping Diode Characteristics
VS = 20V
VS-VO = 4V
Ta = 75°C
Ta = 25°C
Ta = –20°C
Ta = 75°C
Ta = 25°C
Ta = –20°C
•The output current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25°C
•The output current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 75°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn