Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYTMA445A-48LQI36AE Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYTMA445A-48LQI36AE
Description  TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYTMA445A-48LQI36AE Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYTMA445A-48LQI36AE Datasheet HTML 1Page - Cypress Semiconductor CYTMA445A-48LQI36AE Datasheet HTML 2Page - Cypress Semiconductor CYTMA445A-48LQI36AE Datasheet HTML 3Page - Cypress Semiconductor CYTMA445A-48LQI36AE Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUMMARY
CYTMA445A
TrueTouch® Multi-Touch All-Points
Touchscreen Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-90901 Rev. *D
Revised June 21, 2016
Features
Multi-touch capacitive touchscreen controller
32-bit ARM® Cortex™ CPU
Register-configurable
Noise-suppression technologies for battery charger and
display
• Effective 24-V drive for higher signal-to-noise ratio (SNR)
• ChargerArmor™ for charger noise immunity
• External display synchronization
Water rejection and wet-finger tracking using DualSense™
Multi-touch glove with automatic mode switching
• Ten fingers with thin glove (≤1-mm thick)
• Two fingers with thick glove (≤5-mm thick)
Fingernail tracking
Grip suppression
Large object rejection
Automatic baseline tracking to environmental changes
Low-power look-for-touch mode
Field upgrades via bootloader
Android™ driver support
Cypress Manufacturing Test Kit (MTK)
Touchscreen sensor self-test and Panel ID reporting
System performance (configuration dependent)
Screen sizes up to 5.0-inch diagonal
• 4.8-mm sensor pitch; 16:9 aspect ratio
Up to 36 sense pins
• 308 intersections (22 × 14)
Reports up to ten fingers
Small finger support down to 4 mm
Large finger support up to 30 mm
Refresh rate up to 300 Hz; other rates configurable
TX frequency up to 500 kHz
Best-in-class charger noise immunity
• Immunity up to 35-V peak-to-peak (VPP)
• Immunity to AT&T® Zero charger noise
Power (configuration-dependent)
1.71- to 1.95-V or 2.0- to 5.5-V digital and I/O supply
2.65- to 4.7-V analog supply
4-mW average power
5.7-μW typical deep-sleep power
Sensor and system design (configuration-dependent)
Supports a variety of touchscreen sensors and stackups
• Manhattan, diamond, Single-Layer Independent
Multi-touch (SLIM®), and Totem-pole patterns
• Sensor-on-Lens (SOL)
• Plastic (PET) and glass-sensor substrates
• LCD, AMOLED, and IPS displays
• Metal mesh
Single-layer flexible printed circuit (FPC) routing enabled by
flexible TX/RX configurations
Communication interface
I2C slave at 100 and 400 kbps
SPI slave bit rates up to 8 Mbps[1]
Package options
44-pin 5 × 5 × 0.6-mm QFN (0.35-mm lead pitch)
48-pin 6 × 6 × 0.6-mm QFN (0.4-mm lead pitch)
Note
1. SPI support is only available in 48-pin QFN package.


Similar Part No. - CYTMA445A-48LQI36AE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYTMA445 CYPRESS-CYTMA445 Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTMA445-44LQI28AAA CYPRESS-CYTMA445-44LQI28AAA Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTMA445-44LQI33AAA CYPRESS-CYTMA445-44LQI33AAA Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTMA445-44LQI33ABA CYPRESS-CYTMA445-44LQI33ABA Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTMA445-44LQI33ACA CYPRESS-CYTMA445-44LQI33ACA Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
More results

Similar Description - CYTMA445A-48LQI36AE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CY8CTMA1036 CYPRESS-CY8CTMA1036 Datasheet
137Kb / 5P
   Automotive TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTT21XXX CYPRESS-CYTT21XXX Datasheet
192Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTMA445 CYPRESS-CYTMA445 Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTT21X CYPRESS-CYTT21X Datasheet
326Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com