Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5266AXI-LP132 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C5266AXI-LP132
Description  Programmable System-on-Chip (PSoC짰)
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5266AXI-LP132 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C5266AXI-LP132 Datasheet HTML 7Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 8Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 9Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 10Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 11Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 12Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 13Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 14Page - Cypress Semiconductor CY8C5266AXI-LP132 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 11 of 114
Figure 2-6. Example PCB Layout for 100-pin TQFP Part for Optimal Analog Performance
3. Pin Descriptions
IDAC0.
Low resistance output pin for high IDAC.
Extref0, Extref1.
External reference input to the analog system.
SAR0 EXTREF, SAR1 EXTREF.
External references for SAR
ADCs
GPIO.
General purpose I/O pin provides interfaces to the CPU,
digital peripherals, analog peripherals, interrupts, LCD segment
drive, and CapSense[6].
I2C0: SCL, I2C1: SCL.
I2C SCL line providing wake from sleep
on an address match. Any I/O pin can be used for I2C SCL if
wake from sleep is not required.
I2C0: SDA, I2C1: SDA.
I2C SDA line providing wake from sleep
on an address match. Any I/O pin can be used for I2C SDA if
wake from sleep is not required.
Ind.
Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi.
32.768-kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi.
4 to 25-MHz crystal oscillator
pin.
nTRST.
Optional JTAG Test Reset programming and debug port
connection to reset the JTAG connection.
SIO.
Special I/O provides interfaces to the CPU, digital
peripherals and interrupts with a programmable high threshold
voltage, analog comparator, high sink current, and high
impedance state when the device is unpowered.
SWDCK.
Serial wire debug clock programming and debug port
connection.
SWDIO.
Serial wire debug Input and output programming and
debug port connection.
TCK.
JTAG test clock programming and debug port connection.
TDI.
JTAG test data In programming and debug port connection.
TDO.
JTAG test data out programming and debug port
connection.
TMS.
JTAG test mode select programming and debug port
connection.
TRACECLK.
Cortex-M3 TRACEPORT connection, clocks
TRACEDATA pins.
TRACEDATA[3:0].
Cortex-M3
TRACEPORT
connections,
output data.
SWV.
Single wire viewer output.
USBIO, D+.
Provides D+ connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
USBIO, D-.
Provides D- connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
VBOOST.
Power sense connection to boost pump.
VBAT.
Battery supply to boost pump.
VCCA. Output of the analog core regulator or the input to
the analog core.
Requires a 1uF capacitor to VSSA. The
regulator output is not designed to drive external circuits. Note
that if you use the device with an external core regulator
(externally regulated mode), the voltage applied to this pin
must not exceed the allowable range of 1.71 V to 1.89 V.
When using the internal core regulator, (internally regulated
mode, the default), do not tie any power to this pin. For details
see “Power System” section on page 26.
VD D D
VSSD
V DDA
VSSA
VSSD
Plan e
VS SA
Plan e
Notes
6. GPIOs with opamp outputs are not recommended for use with CapSense.


Similar Part No. - CY8C5266AXI-LP132

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
4Mb / 94P
   Programmable System-on-Chip (PSoC짰)
CY8C52 CYPRESS-CY8C52 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C5245PVI-112 CYPRESS-CY8C5245PVI-112 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C5245PVI-113 CYPRESS-CY8C5245PVI-113 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results

Similar Description - CY8C5266AXI-LP132

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com