Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYPD2122-24LQXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYPD2122-24LQXI
Description  USB Type-C Port Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYPD2122-24LQXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYPD2122-24LQXI Datasheet HTML 1Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 2Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 3Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 4Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CYPD2122-24LQXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 5 of 33
USB-PD Subsystem (SS)
EZ-PD CCG2 has a USB-PD subsystem consisting of a USB
Type-C baseband transceiver and physical-layer logic. This
transceiver performs the BMC and the 4b/5b encoding and
decoding functions as well as the 1.2-V front end. This
subsystem integrates the required termination resistors to
identify the role of the EZ-PD CCG2 solution. RA is used to
identify EZ-PD CCG2 as an accessory or an electronically
marked cable. RD is used to identify EZ-PD CCG2 as a UFP in
a hybrid cable or a dongle. When configured as a DFP, integrated
current sources perform the role of RP or pull-up resistors. These
current sources can be programmed to indicate the complete
range of current capacity on VBUS defined in the Type-C spec.
EZ-PD CCG2 responds to all USB-PD communication. The
EZ-PD CCG2 USB-PD sub-system can be configured to
respond to SOP, SOP', or SOP” messaging.
The USB-PD sub-system contains a 8-bit SAR (Successive
Approximation Register) ADC for analog to digital conversions.
The ADC includes a 8-bit DAC and a comparator. The DAC
output forms the positive input of the comparator. The negative
input of the comparator is from a 4-input multiplexer. The four
inputs of the multiplexer are a pair of global analog multiplex
busses an internal bandgap voltage and an internal voltage
proportional to the absolute temperature. All GPIO inputs can be
connected to the global Analog Multiplex Busses through a
switch at each GPIO that can enable that GPIO to be connected
to the mux bus for ADC use. The CC1, CC2 and RD1 pins are
not available to connect to the mux busses.
Figure 2. USB-PD Subsystem
System Resources
Power System
The power system is described in detail in the section Power on
page 9. It provides assurance that voltage levels are as required
for each respective mode and either delay mode entry (on
power-on reset (POR), for example) until voltage levels are as
required for proper function or generate resets (Brown-Out
Detect (BOD)) or interrupts (Low Voltage Detect (LVD)). EZ-PD
CCG2 can operate from three different power sources over the
range of 2.7 to 5.5 V and has three different power modes,
transitions between which are managed by the power system.
EZ-PD CCG2 provides Sleep and Deep Sleep low-power
modes.
Clock System
The clock system for EZ-PD CCG2 consists of the Internal Main
Oscillator (IMO) and the Internal Low-power Oscillator (ILO).
4b5b
Encoder
SOP
Detect
CRC
4b5b
Decoder
Tx_data
from AHB
Rx_data
to AHB
To/ from AHB
vref
iref
VDDD
To/From system Resources
SOP
Insert
8-bit ADC
From AMUX
CC detect
VConn2 detect
VConn1 detect
TX
RX
CC2
CC1
Ref
8kV IEC ESD
VCONN
Detect
Ra
Ra
Enable
Logic
8kV IEC ESD
Active
Rd
Rp
RD1
DB
Rd
Comp
Ra Enable
CC control
Enable Logic
TxRx Enable
BMC
Decoder
BMC
Encoder
Digital Baseband PHY
Analog Baseband PHY
VCONN power logic
VCONN2
VCONN1
Deep Sleep
Vref & Iref Gen
vref, iref
Tx
SRAM
Rx
SRAM
Deep Sleep Reference Enable
Functional, Wakeup Interrupts
VDDD


Similar Part No. - CYPD2122-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYPD1120 CYPRESS-CYPD1120 Datasheet
672Kb / 24P
   USB Power Delivery Alternate Mode Controller on Type-C
CYPD1120-35FNXIT CYPRESS-CYPD1120-35FNXIT Datasheet
672Kb / 24P
   USB Power Delivery Alternate Mode Controller on Type-C
CYPD1120-40LQXI CYPRESS-CYPD1120-40LQXI Datasheet
672Kb / 24P
   USB Power Delivery Alternate Mode Controller on Type-C
CYPD1120-40LQXIT CYPRESS-CYPD1120-40LQXIT Datasheet
672Kb / 24P
   USB Power Delivery Alternate Mode Controller on Type-C
CYPD3120-40LQXI CYPRESS-CYPD3120-40LQXI Datasheet
1,021Kb / 45P
   USB Type-C Port Controller
More results

Similar Description - CYPD2122-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
   USB Type-C Port Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
   USB Type-C Port Controller
June 2022 - Revision 04c
logo
Cypress Semiconductor
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
   USB Type-C Port Controller
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
   USB Type-C Port Controller
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
   USB Type-C Port Controller
July 26, 2021
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
   Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
   Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com