Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4124FNI-443 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C4124FNI-443
Description  Programmable System-on-Chip (PSoC짰)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4124FNI-443 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C4124FNI-443 Datasheet HTML 2Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 3Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 4Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 5Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 6Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 7Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 8Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 9Page - Cypress Semiconductor CY8C4124FNI-443 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 6 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
IMO Clock Source
The IMO is the primary source of internal clocking in the
PSoC 4100. It is trimmed during testing to achieve the specified
accuracy. Trim values are stored in nonvolatile latches (NVL).
Additional trim settings from flash can be used to compensate for
changes. The IMO default frequency is 24 MHz and it can be
adjusted between 3 MHz to 24 MHz in steps of 1 MHz. The IMO
tolerance with Cypress-provided calibration settings is ±2%.
ILO Clock Source
The ILO is a very low power oscillator, which is primarily used to
generate clocks for peripheral operation in Deep Sleep mode.
ILO-driven counters can be calibrated to the IMO to improve
accuracy. Cypress provides a software component, which does
the calibration.
Watchdog Timer
A watchdog timer is implemented in the clock block running from
the ILO; this allows watchdog operation during Deep Sleep and
generates a watchdog reset if not serviced before the timeout
occurs. The watchdog reset is recorded in the Reset Cause
register.
Reset
PSoC 4100 can be reset from a variety of sources including a
software reset. Reset events are asynchronous and guarantee
reversion to a known state. The reset cause is recorded in a
register, which is sticky through reset and allows software to
determine the cause of the reset. An XRES pin is reserved for
external reset to avoid complications with configuration and
multiple pin functions during power-on or reconfiguration. The
XRES pin has an internal pull-up resistor that is always enabled.
Voltage Reference
The PSoC 4100 reference system generates all internally
required references. A 1% voltage reference spec is provided for
the 12-bit ADC. To allow better signal to noise ratios (SNR) and
better absolute accuracy, it is possible to bypass the internal
reference using a GPIO pin or to use an external reference for
the SAR.
Analog Blocks
12-bit SAR ADC
The 12-bit 806 ksps SAR ADC can operate at a maximum clock
rate of 14.5 MHz and requires a minimum of 18 clocks at that
frequency to do a 12-bit conversion.
The block functionality is augmented for the user by adding a
reference buffer to it (trimmable to ±1%) and by providing the
choice (for the PSoC 4100 case) of three internal voltage refer-
ences: VDD, VDD/2, and VREF (nominally 1.024 V) as well as an
external reference through a GPIO pin. The sample-and-hold
(S/H) aperture is programmable allowing the gain bandwidth
requirements of the amplifier driving the SAR inputs, which
determine its settling time, to be relaxed if required. System
performance will be 65 dB for true 12-bit precision providing
appropriate references are used and system noise levels permit.
To improve performance in noisy conditions, it is possible to
provide an external bypass (through a fixed pin location) for the
internal reference amplifier.
The SAR is connected to a fixed set of pins through an 8-input
sequencer. The sequencer cycles through selected channels
autonomously (sequencer scan) and does so with zero switching
overhead (that is, aggregate sampling bandwidth is equal to
806 ksps whether it is for a single channel or distributed over
several channels). The sequencer switching is effected through
a state machine or through firmware driven switching. A feature
provided by the sequencer is buffering of each channel to reduce
CPU interrupt service requirements. To accommodate signals
with varying source impedance and frequency, it is possible to
have different sample times programmable for each channel.
Also, signal range specification through a pair of range registers
(low and high range values) is implemented with a corresponding
out-of-range interrupt if the digitized value exceeds the
programmed range; this allows fast detection of out-of-range
values without the necessity of having to wait for a sequencer
scan to be completed and the CPU to read the values and check
for out-of-range values in software.
The SAR is able to digitize the output of the on-board temper-
ature sensor for calibration and other temperature-dependent
functions. The SAR is not available in Deep Sleep and Hibernate
modes as it requires a high-speed clock (up to 18 MHz). The
SAR operating range is 1.71 V to 5.5 V.
Figure 4. SAR ADC System Diagram
Data and
Status Flags
Reference
Selection
External
Reference
and
Bypass
(optional)
POS
NEG
SAR Sequencer
SARADC
Inputs from other Ports
VDD/2
VDDD
VREF
AHB System Bus and Programmable Logic
Interconnect
Sequencing
and Control


Similar Part No. - CY8C4124FNI-443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C41223 CYPRESS-CY8C41223 Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY8C41223-24SXI CYPRESS-CY8C41223-24SXI Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY8C41223-24SXIT CYPRESS-CY8C41223-24SXIT Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY8C4125AXI-M445 CYPRESS-CY8C4125AXI-M445 Datasheet
3Mb / 41P
   Programmable System-on-Chip
CY8C4125AZI-M433 CYPRESS-CY8C4125AZI-M433 Datasheet
3Mb / 41P
   Programmable System-on-Chip
More results

Similar Description - CY8C4124FNI-443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com