Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4124PVI-442 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C4124PVI-442
Description  Programmable System-on-Chip (PSoC짰)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4124PVI-442 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C4124PVI-442 Datasheet HTML 1Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 2Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 3Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 4Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 5Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 6Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 7Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 8Page - Cypress Semiconductor CY8C4124PVI-442 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
PSoC® 4: PSoC 4100 Family
Datasheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-87220 Rev. *J
Revised July 10, 2017
General Description
PSoC® 4 is a scalable and reconfigurable platform architecture for a family of mixed-signal programmable embedded system
controllers with an ARM® Cortex™-M0 CPU. It combines programmable and reconfigurable analog and digital blocks with flexible
automatic routing. The PSoC 4100 product family, based on this platform, is a combination of a microcontroller with digital program-
mable logic, high-performance analog-to-digital conversion, opamps with Comparator mode, and standard communication and timing
peripherals. The PSoC 4100 products will be fully upward compatible with members of the PSoC 4 platform for new applications and
design needs. The programmable analog and digital sub-systems allow flexibility and in-field tuning of the design.
Features
32-bit MCU Sub-system
24-MHz ARM Cortex-M0 CPU with single-cycle multiply
Up to 32 kB of flash with Read Accelerator
Up to 4 kB of SRAM
Programmable Analog
Two opamps with reconfigurable high-drive external and
high-bandwidth internal drive and Comparator modes and ADC
input buffering capability
12-bit 806 ksps SAR ADC with differential and single-ended
modes and Channel Sequencer with signal averaging
Two current DACs (IDACs) for general-purpose or capacitive
sensing applications on any pin
Two low-power comparators that operate in Deep Sleep
Low Power 1.71-V to 5.5-V operation
20-nA Stop Mode with GPIO pin wakeup
Hibernate and Deep Sleep modes allow wakeup-time versus
power trade-offs
Capacitive Sensing
Cypress CapSense Sigma-Delta (CSD) provides best-in-class
SNR (>5:1) and water tolerance
Cypress supplied software component makes capacitive
sensing design easy
Automatic hardware tuning (SmartSense™)
Segment LCD Drive
LCD drive supported on all pins (common or segment)
Operates in Deep Sleep mode with 4 bits per pin memory
Serial Communication
Two independent run-time reconfigurable serial communi-
cation blocks (SCBs) with reconfigurable I2C, SPI, or UART
functionality
Timing and Pulse-Width Modulation
Four 16-bit timer/counter pulse-width modulator (TCPWM)
blocks
Center-aligned, Edge, and Pseudo-random modes
Comparator-based triggering of Kill signals for motor drive and
other high reliability digital logic applications
Up to 36 Programmable GPIOs
Any GPIO pin can be CapSense, LCD, analog, or digital
Drive modes, strengths, and slew rates are programmable
Five different packages
48-pin TQFP, 44-pin TQFP, 40-pin QFN, 35-ball WLCSP, and
28-pin SSOP package
35-ball WLCSP package is shipped with I2C Bootloader in
Flash
Extended Industrial Temperature Operation
–40 °C to + 105 °C operation
PSoC Creator Design Environment
Integrated Development Environment provides schematic
design entry and build (with analog and digital automatic
routing)
Applications Programming Interface (API Component) for all
fixed-function and programmable peripherals
Industry Standard Tool Compatibility
After schematic entry, development can be done with
ARM-based industry-standard development tools


Similar Part No. - CY8C4124PVI-442

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C41223 CYPRESS-CY8C41223 Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY8C41223-24SXI CYPRESS-CY8C41223-24SXI Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY8C41223-24SXIT CYPRESS-CY8C41223-24SXIT Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY8C4125AXI-M445 CYPRESS-CY8C4125AXI-M445 Datasheet
3Mb / 41P
   Programmable System-on-Chip
CY8C4125AZI-M433 CYPRESS-CY8C4125AZI-M433 Datasheet
3Mb / 41P
   Programmable System-on-Chip
More results

Similar Description - CY8C4124PVI-442

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com