Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4127LQI-BL473 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C4127LQI-BL473
Description  Programmable System-on-Chip (PSoC짰)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4127LQI-BL473 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C4127LQI-BL473 Datasheet HTML 6Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 7Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 8Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 9Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 10Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 11Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 12Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 13Page - Cypress Semiconductor CY8C4127LQI-BL473 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *L
Page 10 of 48
Special-Function Peripherals
LCD Segment Drive
PSoC 4XX8_BLE has an LCD controller, which can drive up to
four commons and up to 32 segments. It uses full digital methods
to drive the LCD segments requiring no generation of internal
LCD voltages. The two methods used are referred to as digital
correlation and PWM.
The digital correlation method modulates the frequency and
levels of the common and segment signals to generate the
highest RMS voltage across a segment to light it up or to keep
the RMS signal zero. This method is good for STN displays but
may result in reduced contrast with TN (cheaper) displays.
The PWM method drives the panel with PWM signals to effec-
tively use the capacitance of the panel to provide the integration
of the modulated pulse-width to generate the desired LCD
voltage. This method results in higher power consumption but
can result in better results when driving TN displays. LCD
operation is supported during Deep Sleep mode, refreshing a
small display buffer (four bits; one 32-bit register per port).
CapSense
CapSense is supported on all pins in PSoC 4XX8_BLE through
a CapSense Sigma-Delta (CSD) block that can be connected to
any pin through an analog mux bus that any GPIO pin can be
connected to via an Analog switch. CapSense function can thus
be provided on any pin or group of pins in a system under
software control. A Component is provided for the CapSense
block to make it easy for the user.
The shield voltage can be driven on another mux bus to provide
liquid-tolerance capability. Liquid tolerance is provided by driving
the shield electrode in phase with the sense electrode to keep
the shield capacitance from attenuating the sensed input.
The CapSense block has two IDACs which can be used for
general purposes if CapSense is not being used (both IDACs are
available in that case) or if CapSense is used without liquid
tolerance (one IDAC is available).


Similar Part No. - CY8C4127LQI-BL473

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
641Kb / 47P
   Programmable System-on-Chip (PSoC짰)
CY8C4127LQI-BL473 CYPRESS-CY8C4127LQI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4127LQI-BL473

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com