Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPMC802B-PS06 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SPMC802B-PS06
Description  32-pin General Purpose Microcontroller (OTP)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B-PS06 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPMC802B-PS06 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 12Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 13Page - List of Unclassifed Manufacturers SPMC802B-PS06 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SPMC802B
The Timer 1 interrupt and the Comparator interrupt will be
described in detail in section Timer1 & Real Time Interrupt and
section Comparator.
5.6. Timer1 & Real Time Interrupt
The clock input (XI/XO/R pins), fOSC, is internally divided by two to
generate CPU clock, fCPU, for whole system. Timer 1 clock, fTM1,
is come from CPU clock with the divisor either 1 or 4 setting by
configurable option. The timer clock is fed into an 8-bit free-run
timer built as Timer 1 function. Timer 1 Count Register (TCR1) is
used to read out the current counting value of Timer 1. Once
TCR1 is overflow, it will set the corresponding flag and will
generate interrupt for service if the interrupt input is enabled.
The additional counting stages perform the Power On Reset (POR)
cycle for clock settling down during power up, the Real Time
Interrupt (RTI) function for timing applications, and watchdog
Timer for function recovery. The POR and WDT functions are
described in detail in section WDT & Reset.
For Real Time Interrupt, there is a pre-scalar to perform the
periodic timing events. The pre-scalar is defined below. The
timing events will set the flag and will generate interrupt for service
if the interrupt is enabled.
RTI Rate
WDT Reset time (=RTI/8)
rt1:0
Divisor
fTM1=fCPU/1*
fTM1=fCPU/4*
Divisor
fTM1=fCPU/1*
fTM1=fCPU/4*
00
2048
2.048ms
8.192ms
16384
16.384ms
66ms
01
4096
4.096ms
16.384ms
32768
32.768ms
131ms
10
8192
8.192ms
32.768ms
65536
66ms
262ms
11
16384
16.384ms
65.536ms
131072
131ms
524ms
Note1: In this example, the CPU clock is fCPU = 1.0MHz (fOSC = 2.0MHz).
Note2: *The fTM1 is selected by configurable option fsel.
5.7. Timer2 & PWM
Timer 2 is a re-loadable 8-bit timer.
It consists with an 8-bit
prescale counter, a pre-load register, an 8-bit count-up counter,
and a control block. The base clock input for Timer 2 fTIN2 can be
either from CPU clock fCPU, or from external clock through PB6. It
is fed into an 8-bit prescale counter to generate the Timer 2 clock,
fTM2. The prescalar for Timer 2 clock is set as 2 to the power of
the value. An 8-bit counter with a Pre-load Register consist the
main counter of Timer 2. Timer 2 Count Register (TCR2) is used
to set up the pre-load value in write mode and to read out the
current counting value in read mode. Once the Timer 2 clock is
enabled, main counter will count up. When Timer 2 rolls over
from $FF to pre-load data, it generates overflow signal and
reloads the pre-load data into the counting stage and counts up
again. The overflow signal will also generate interrupt for service
if the interrupt function is enabled.
The PWM waveform generator consists with a 3-duty cycle PWM
generator, a 64-duty cycle PWM generator, and a control block for
PWM waveform output to PB7. The general I/O function on PB7
will be disabled while the PWM output is enabled. There are two
kinds of waveform output can be selected, fixed 3-duty cycle
waveform output and programmable 64-duty cycle waveform
output. The overflow signal of Timer 2, is the base clock of PWM
generator. It will feed into the 3-duty cycle waveform generator
and the 64-duty cycle waveform generator.
5.8. Comparator
SPMC802B is built with two channels of voltage Comparator. It
can compare the external voltage input coming from PA4 or PA5
with the external voltage reference set up on PB0, or with the
internal voltage reference (1.24V).
These two channels
Comparator can be enabled with the setup of comparison criterion
and the reference source, and selectable interrupt input for event
service. The input operating range of the Comparator is 0.2V to
(VDD-0.2)V.
5.9. WAIT & STOP Mode
There are two kinds of clock control mode supported by
SPMC802B as WAIT mode and STOP mode.
The WAIT mode function will disable CPU clock but leave the
timer clock active, if the bit wait is set as '1'. Once the system
being entered the WAIT mode, the activated interrupt events will
recover the normal operation immediately from the next address of
WAIT mode interrupt point. To confirm the interrupt events can
wake up the CPU, the corresponding interrupt enable bits must be
set before entering the WAIT mode.
The STOP mode function will disable whole system clock, if the bit
stop is set as '1'. Once the system being entered the STOP
mode, only the activated external interrupt events (from I/Os) can
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
10
AUG. 07, 2002
Version: 1.0


Similar Part No. - SPMC802B-PS06

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMC387-01 SSDI-SPMC387-01 Datasheet
38Kb / 2P
   50 WATT RADIATION HARDENED DC-DC POWER CONVERTER
logo
Freescale Semiconductor...
SPMC68CK338CPV14 FREESCALE-SPMC68CK338CPV14 Datasheet
950Kb / 133P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPMC68CK338CPV14 NXP-SPMC68CK338CPV14 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - SPMC802B-PS06

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z8E001 ZILOG-Z8E001 Datasheet
209Kb / 49P
   CMOS OTP Microcontroller
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
8Mb / 544P
   64/100-Pin General Purpose,32-Bit Flash Microcontrollers
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com