Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371L-83AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C371L-83AC
Description  UltraLogic 32-Macrocell Flash CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371L-83AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C371L-83AC Datasheet HTML 1Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 2Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 3Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 4Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 5Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 6Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 7Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 8Page - Cypress Semiconductor CY7C371L-83AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7C371
7c371: Tuesday, May 26, 1992
Revision: August 9, 1995
5
Switching Characteristics Over the Operating Range[6] (continued)
7C371-143
7C371-110
7C371-83
7C371L-83
7C371-66
7C371L-66
Parameter
Description
Min. Max. Min. Max. Min. Max. Min. Max. Unit
Output Registered/Latched Mode Parameters
tCO
Clock or Latch Enable to Output
6
6.5
10
12
ns
tS
SetUp Time from Input to Clock or Latch
Enable
5
6
10
12
ns
tH
Register or Latch Data Hold Time
0
0
0
0
ns
tCO2
Output Clock or Latch Enable to Output Delay
(Through Memory Array)
12
14
19
24
ns
tSCS
Output Clock or Latch Enable to Output Clock or
Latch Enable (Through Memory Array)
7
9
12
15
ns
tSCS2
Output Clock Through Array to Output Clock
(2Pass Delay)[4]
13
16.5
21
27
ns
tSL
SetUp Time from Input Through Transparent
Latch to Output Register Clock or Latch Enable
9
10
12
15
ns
tHL
Hold Time for Input Through Transparent Latch
from Output Register Clock or Latch Enable
0
0
0
0
ns
fMAX1
Maximum Frequency with Internal Feedback
(Least of 1/tSCS, 1/(tS + tH), or 1/tCO)[4]
143
111
83.3
66.6
MHz
fMAX2
Maximum Frequency Data Path in Output Regis
tered/Latched Mode (Lesser of 1/(tWL + tWH),
1/(tS + tH), or 1/tCO)[4]
166.7
153.8
100
83.3
MHz
fMAX3
Maximum Frequency with external feedback
(Lesser of 1/(tCO + tS) and 1/(tWL + tWH))[4]
91
80
50
41.6
MHz
tOH-tIH
37x
Output Data Stable from Output clock Minus
Input Register Hold Time for 7C37x[4, 8]
0
0
0
0
ns
Pipelined Mode Parameters
tICS
Input Register Clock to Output Register Clock
7
9
12
15
ns
fMAX4
Maximum Frequency in Pipelined Mode (Least of
1/(tCO + tIS), 1/tICS, 1/(tWL + tWH), 1/(tIS + tIH),
or 1/tSCS)
125
111
76.9
62.5
MHz
Reset/Preset Parameters
tRW
Asynchronous Reset Width[4]
8
10
15
20
ns
tRR
Asynchronous Reset Recovery Time[4]
10
12
17
22
ns
tRO
Asynchronous Reset to Output
14
16
21
26
ns
tPW
Asynchronous Preset Width[4]
8
10
15
20
ns
tPR
Asynchronous Preset Recovery Time[4]
10
12
17
22
ns
tPO
Asynchronous Preset to Output
14
16
21
26
ns
tPOR
PowerOn Reset[4]
1
1
1
1
ms
Shaded area contains preliminary information.
Switching Waveforms
Combinatorial Output
tPD
7c37111
INPUT
COMBINATORIAL
OUTPUT


Similar Part No. - CY7C371L-83AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AC CYPRESS-CY7C371I-110AC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AI CYPRESS-CY7C371I-110AI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JC CYPRESS-CY7C371I-110JC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JI CYPRESS-CY7C371I-110JI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371L-83AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com