Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4761 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4761
Description  IEC Appliance Inlet with protection degree IP67
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4761 Datasheet(HTML) 3 Page - Schurter Inc.

  4761 Datasheet HTML 1Page - Schurter Inc. 4761 Datasheet HTML 2Page - Schurter Inc. 4761 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Connectors (Inlets/Outlets)
4761
https://www.schurter.com /PG07
Connectors
Appliance Inlet
Connector
Set
Color
Terminals Inlet
Order Number
l
-
white
Quick connect terminals 6.3 x 0.8 mm
4312.0008
l
-
white
Solder terminals
4312.0009
l
l
1)
white
Quick connect terminals 4.8 x 0.8 mm
4312.0011
l
l
1)
white
Quick connect terminals 6.3 x 0.8 mm
4312.0012
l
l
1)
white
Solder terminals
4312.0013
1) complete set consisting of appliance inlet and outlet
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 Pcs
Accessories
Description
Protection cover
Protection cover for waterproof appliance coupler 4761 / 4762
Mating Outlets/Connectors shuttered
Category / Description
Connector Overview complete
IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4762
Connector further types to 4761
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4761

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4761 SCHURTER-4761 Datasheet
329Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
4761 SCHURTER-4761 Datasheet
328Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4761 SCHURTER-4761 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K
4761 SCHURTER-4761 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
4761 SCHURTER-4761 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
05.01.2022
More results

Similar Description - 4761

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4761_1809 SCHURTER-4761_1809 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K
4761 SCHURTER-4761_V01 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
05.01.2022
4761 SCHURTER-4761 Datasheet
329Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
4761 SCHURTER-4761_21 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K, Screw-on Mounting front side, Solder or Quickconnect Terminal
4762 SCHURTER-4762 Datasheet
328Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4762 SCHURTER-4762_V01 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
10.12.2021
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
4762 SCHURTER-4762_21 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4762 SCHURTER-4762_18 Datasheet
328Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com