Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-520R-6 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-520R-6
Description  NEMA 5-15R /5-20R; 6.4 Q.C TAB SNAP IN PANEL MOUNT RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-520R-6 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-520R-6 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDI
PD-520R-6


Similar Part No. - PD-520R-6

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
PD-50 BOWEI-PD-50 Datasheet
59Kb / 1P
   2 way 180 Power Combiner/Splitter
PD-50S BOWEI-PD-50S Datasheet
59Kb / 1P
   2 way 180 Power Combiner/Splitter
logo
Optoway Technology Inc
PD-5100 OPTOWAY-PD-5100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
   1.55 關m WDM PIN PHOTODIODES
More results

Similar Description - PD-520R-6

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-515R-6 POWERDYNAMICS-PD-515R-6 Datasheet
45Kb / 1P
   NEMA 5-15R; 6.4 Q.C TAB SNAP IN PANEL MOUNT RECEPTACLE
PD-620R-6 POWERDYNAMICS-PD-620R-6 Datasheet
218Kb / 1P
   NEMA 6-20R; 6.4 Q.C TAB; SNAP IN PANEL MOUNT RECEPTACLE
PD-615R-6 POWERDYNAMICS-PD-615R-6 Datasheet
211Kb / 1P
   NEMA 6-15R; 6.4 Q.C TAB; SNAP IN PANEL MOUNT RECEPTACLE
PD-20-2 POWERDYNAMICS-PD-20-2 Datasheet
116Kb / 1P
   NEMA 5-15R / 5-20R; IDC TYPE SNAP IN PANEL MOUNT RECEPTACLE
logo
Qualtek Electronics Cor...
740W-D-02 QUALTEK-740W-D-02 Datasheet
332Kb / 1P
   DUPLEX RECEPTACLE, NEMA 5-15R
logo
PowerDynamics, Inc
PD-515R-SW POWERDYNAMICS-PD-515R-SW Datasheet
104Kb / 1P
   NEMA 5-15R SNAP IN OUTLET;SHORT BODY PANEL MOUNT; WITH 152mm LONG WIRES; STRIP & RETAIN
logo
Qualtek Electronics Cor...
738W-CX2-01 QUALTEK-738W-CX2-01 Datasheet
378Kb / 1P
   SNAP-IN NEMA 1-15R
logo
Schurter Inc.
NR020 SCHURTER-NR020 Datasheet
316Kb / 3P
   NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, Solder Terminal
05.01.2022
0709 SCHURTER-0709 Datasheet
275Kb / 2P
   NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, Solder Terminal
0709 SCHURTER-0709_18 Datasheet
280Kb / 3P
   NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, Solder Terminal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com