Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29PDL128G70R Datasheet(PDF) 9 Page - SPANSION

Part # AM29PDL128G70R
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G70R Datasheet(HTML) 9 Page - SPANSION

Back Button AM29PDL128G70R Datasheet HTML 5Page - SPANSION AM29PDL128G70R Datasheet HTML 6Page - SPANSION AM29PDL128G70R Datasheet HTML 7Page - SPANSION AM29PDL128G70R Datasheet HTML 8Page - SPANSION AM29PDL128G70R Datasheet HTML 9Page - SPANSION AM29PDL128G70R Datasheet HTML 10Page - SPANSION AM29PDL128G70R Datasheet HTML 11Page - SPANSION AM29PDL128G70R Datasheet HTML 12Page - SPANSION AM29PDL128G70R Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
8
Am29PDL128G
July 29, 2002
P R E L I M I NARY
PIN DESCRIPTION
A21–A0
=
22 Addresses
DQ30–DQ0 =
31 Data Inputs/Outputs
DQ31/A-1
=
DQ31 (Data Input/Output, double
word mode), A-1 (LSB Address In-
put, word mode)
CE#
=
Chip Enable
OE#
=
Output Enable
WE#
=
Write Enable
WP#
=
Hardware Write Protect Input
ACC
=
Acceleration Input
RESET#
=
Hardware Reset Pin, Active Low
WORD#
=
Word Enable Input
At V
IL, selects 16-bit mode,
At V
IH, selects 32-bit mode
RY/BY#
=
Ready/Busy Output
V
CC
=
3.0 Volt-only Single Power Supply
(see Product Selector Guide for
speed options and voltage supply
tolerances)
V
IO
=
Output Buffer Power Supply
V
SS
=
Device Ground
NC
=
Pin Not Connected Internally
RFU
=
Reserved for Future Use
LOGIC SYMBOL
22
32 or 16
DQ31–DQ0
(A-1)
A21–A0
CE#
OE#
WE#
RESET#
WORD#
RY/BY#
ACC
WP#
V
IO


Similar Part No. - AM29PDL128G70R

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PDL128G70RPEF AMD-AM29PDL128G70RPEF Datasheet
628Kb / 71P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
AM29PDL128G70RPEI AMD-AM29PDL128G70RPEI Datasheet
628Kb / 71P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
More results

Similar Description - AM29PDL128G70R

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PDL128G AMD-AM29PDL128G Datasheet
628Kb / 71P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com