Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371-143AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C371-143AC
Description  UltraLogic 32-Macrocell Flash CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371-143AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C371-143AC Datasheet HTML 1Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 2Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 3Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 4Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 5Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 6Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 7Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 8Page - Cypress Semiconductor CY7C371-143AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY7C371
7c371: Tuesday, May 26, 1992
Revision: August 9, 1995
3
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC =
Min
IOH = -3.2 mA (Com'l/Ind)
2.4
V
Min.
IOH = -2.0 mA (Mil)
V
VOL
Output LOW Voltage
VCC =
Min
IOL = 16 mA (Com'l/Ind)
0.5
V
Min.
IOL = 12 mA (Mil)
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH Voltage for all inputs[3]
2.0
7.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW Voltage for all inputs[2]
-0.5
0.8
V
IIX
Input Load Current
GND  VI  VCC
-10
+10
mA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
-50
+50
mA
IOS
Output Short
Circuit Current[4, 5]
VCC = Max., VOUT = 0.5V
-30
-90
mA
ICC
Power Supply Current
VCC = Max., IOUT = 0 mA,
f = 1 mHz VIN = GND VCC[6]
Com'l
175
mA
f = 1 mHz, VIN = GND, VCC[6]
Com'l L"
-66, -83
90
Com'l-143,
Mil/Ind
220
Ind L" -66, -83
110
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 5.0V at f=1 MHz
10
pF
COUT
Output Capacitance
VOUT = 5.0V at f = 1 MHz
12
pF
Endurance Characteristics[4]
Parameter
Description
Test Conditions
Min.
Max.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions
100
Cycles
Notes:
1. See the last page of this specification for Group A subgroup testing in
formation.
2. These are absolute values with respect to device ground. All over
shoots due to system or tester noise are included.
3. Not more than one output should be tested at a time. Duration of the
short circuit should not exceed 1 second. VOUT = 0.5V has been cho
sen to avoid test problems caused by tester ground degradation.
4. Tested initially and after any design or process changes that may affect
these parameters.
5. Measured with 16bit counter programmed into each logic block.


Similar Part No. - CY7C371-143AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AC CYPRESS-CY7C371I-110AC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AI CYPRESS-CY7C371I-110AI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JC CYPRESS-CY7C371I-110JC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JI CYPRESS-CY7C371I-110JI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371-143AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com