Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPMC802B-PD03 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPMC802B-PD03
Description  32-pin General Purpose Microcontroller (OTP)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B-PD03 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SPMC802B-PD03 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMC802B-PD03 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SPMC802B
In SPMC802B, the output mode on PB2 and PB1 can be an
open-drain pin with slow transition by program. To achieve the
slow transition function, programming the bit slowe in RPA to '1'
will enforce the output high to low transition time to 250ns
± 20%
with 50pf pad loading at 2.0MHz CPU frequency.
PB7 can be a PWM waveform output. PB6 can be an external
clock or event input for Timer2. PB5 is used as external interrupt
input with falling-edge trigger.
PB4 can be used as external
active-low reset input by enabling the configurable option. PB0
can be reference voltage input for Comparator function. In case
of using PB0 as external reference voltage input, the resistive
pull-up/down should be disabled. The more details are described
in related sections.
The corresponding pads are assigned for SPMC802B as following: (VDD = 5.0V)
PIN
Rp
IN
OUT
Special Function
PB7
100K Up/Down@rpb7
8/8mA
PWM waveform output
PB6
100K Up/Down@rpb6
8/8mA
External clock/event input
PB5
No Pull-Up/Down
Schmitt-Trigger
-/8mA
IRQ0 interrupt input
PB4
100K Up@rpb4
Schmitt-Trigger
8/8mA
External nRESET input
PB3
100K Up/Down@rpb3
8/8mA
PB2
100K Up@rpb2
-/20mA
PB1
100K Up@rpb1
-/20mA
PB0
100K Up/Down@rpb0
8/8mA
Comparator Vref input
5.3. Port C Group
The I/O port C has 8 programmable I/Os that are controlled by
data register PC, direction control register DPC, and pull-up/down
resistance control register RPC. DPC is used to control the pad
I/O attribute.
Setting the bit(s) to '1' will enforce the
corresponding pad(s) to output mode. It is a write-only register.
PC is used to store the data contents for output. Reading PC will
get the stored data when corresponding bit of DPC is set as output
mode, or will get the pad status if it is in input mode.
There is a built-in Pull-Up/Down resistor on each pad. These
pull-up/down resistors should be selected either pull-up or
pull-down by configurable option first, and then can be controlled
by users' program through RPC.
PC7:0 are used as external interrupt inputs. The more details are
described in section Interrupt.
The corresponding pads are assigned for SPMC802B as following: (VDD = 5.0V)
PIN
Rp
IN
OUT
Special Function
PC7
100K Up/Down@rpc7
8/8mA
IRQ2 interrupt input
PC6
100K Up/Down@rpc6
8/8mA
IRQ2 interrupt input
PC5
100K Up/Down@rpc5
8/8mA
IRQ2 interrupt input
PC4
100K Up/Down@rpc4
8/8mA
IRQ2 interrupt input
PC3
100K Up/Down@rpc3
8/8mA
IRQ2 interrupt input
PC2
100K Up/Down@rpc2
8/8mA
IRQ2 interrupt input
PC1
100K Up/Down@rpc1
8/8mA
IRQ2 interrupt input
PC0
100K Up/Down@rpc0
8/8mA
IRQ2 interrupt input
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
8
AUG. 07, 2002
Version: 1.0


Similar Part No. - SPMC802B-PD03

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMC387-01 SSDI-SPMC387-01 Datasheet
38Kb / 2P
   50 WATT RADIATION HARDENED DC-DC POWER CONVERTER
logo
Freescale Semiconductor...
SPMC68CK338CPV14 FREESCALE-SPMC68CK338CPV14 Datasheet
950Kb / 133P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPMC68CK338CPV14 NXP-SPMC68CK338CPV14 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - SPMC802B-PD03

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z8E001 ZILOG-Z8E001 Datasheet
209Kb / 49P
   CMOS OTP Microcontroller
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
8Mb / 544P
   64/100-Pin General Purpose,32-Bit Flash Microcontrollers
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com