Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3CH281LE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3CH281LE
Description  Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH281LE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3CH281LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3CH281LE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS8726A
07/08/04
PI3CH281
Low Voltage, High Bandwidth, 2-Channel, 4:1
Mux/DeMux, NanoSwitchwith Single Enable
Test Circuit for Electrical Characteristics(1)
Notes:
1.
CL = Load capacitance: includes jig and probe capacitance.
2.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4.
All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5.
The outputs are measured one at a time with one transition per measurement.
Test Circuit for Dynamic Electrical Characteristics
RT
10pF
CL
VCC
VIN
VOUT
200
200
6.0V
Pulse
Generator
D.U.T
VCC
D.U.T
T1
R1
S1
HP11667A
50
10
pF
HP4195A
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open


Similar Part No. - PI3CH281LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH281QE PERICOM-PI3CH281QE Datasheet
396Kb / 7P
   2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH281QEX PERICOM-PI3CH281QEX Datasheet
396Kb / 7P
   2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH281 PERICOM-PI3CH281_15 Datasheet
396Kb / 7P
   2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH281LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI3CH360 PERICOM-PI3CH360 Datasheet
436Kb / 9P
   Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB14-A PERICOM-PI3USB14-A Datasheet
686Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A Datasheet
569Kb / 6P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com