Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7483ADP Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI7483ADP
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7483ADP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7483ADP Datasheet HTML 1Page - Vishay Siliconix SI7483ADP Datasheet HTML 2Page - Vishay Siliconix SI7483ADP Datasheet HTML 3Page - Vishay Siliconix SI7483ADP Datasheet HTML 4Page - Vishay Siliconix SI7483ADP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7483ADP
Vishay Siliconix
New Product
Document Number: 73025
S-41525—Rev. A, 16-Aug-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.000
0.004
0.008
0.012
0.016
0.020
0
2468
10
0.000
0.003
0.006
0.009
0.012
0.015
0
10203040
50
0
2
4
6
8
10
0
20
40
60
80
100
120
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
1640
3280
4920
6560
8200
0
5
10
15
20
25
30
Crss
Coss
Ciss
VDS = 15 V
ID = 24 A
VGS = 10 V
ID = 24 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
1.0
1.2
0.1
10
50
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD − Source-to-Drain Voltage (V)
ID = 24 A
On-Resistance vs. Gate-to-Source Voltage
VGS − Gate-to-Source Voltage (V)
VGS = 10 V
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4425BDY P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI2303ADS P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
AF4409P P-Channel 30-V D-S MOSFET 1  2  3  Anachip Corp
SI4427DY P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
AF9435P P-Channel 30-V D-S MOSFET 1  2  3  4  5  Anachip Corp
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI2307BDS P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn