Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NLAS3158 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLAS3158 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NLAS3158
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (TA = −40°C to +85°C)
VCC
TA = +255C
TA = −405C to +855C
Figure
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Unit
Figure
Number
tPHL
tPLH
Propagation Delay
Bus to Bus (Note 9)
VI = OPEN
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
1.2
0.8
0.3
ns
Figures
2, 3
tPZL
tPZH
Output Enable Time
Turn On Time
(A to Bn)
VI = 2
VCC for tPZL
VI = 0 V for tPZH
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
23
13
6.9
5.2
7.0
3.5
2.5
1.7
24
14
7.6
5.7
ns
Figures
2, 3
tPLZ
tPHZ
Output Disable Time
Turn Off Time
(A Port to B Port)
VI = 2
VCC for tPLZ
VI = 0 V for tPHZ
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
12.5
7.0
5.0
3.5
3.0
2.0
1.5
0.8
13
7.5
5.3
3.8
ns
Figures
2, 3
tBBM
Break Before Make
Time (Note 8)
RL = 50 W
CL = 35 pF
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
ns
Figure 4
Q
Charge Injection
(Note 8)
CL = 0.1 nF, VGEN = 0 V
RGEN = 0 W
5.0
3.3
7.0
3.0
pC
Figure 5
OIRR
Off Isolation (Note 10)
NO
RL = 50 W
f = 10 MHz
1.65−5.5
−55
dB
Figures
6, 16
OIRR
Off Isolation (Note 10)
NC
RL = 50 W
f = 10 MHz
1.65−5.5
−48
dB
Figures
6, 16
Xtalk
Crosstalk
RL = 50 W
f = 10 MHz
1.65−5.5
−54
dB
Figure 7
BW
−3 dB Bandwidth
RL = 50 W
2.5−5.5
250
MHz
Figures
10, 15
THD
Total Harmonic
Distortion (Note 8)
RL = 600 W
0.5 VP−P
f = 600 Hz to 20 kHz
2.5
5.0
0.014
0.004
%
Figure 11
CAPACITANCE (Note 11)
Symbol
Parameter
Test Conditions
Typ
Max
Unit
Figure
Number
CIN
Select Pin Input Capacitance
VCC = 0 V
2.3
pF
CIO−B
B Port Off Capacitance
VCC = 5.0 V
6.5
pF
Figure 8
CIOA−ON
A Port Capacitance when Switch is Enabled
VCC = 5.0 V
18.5
pF
Figure 9
8. Guaranteed by Design.
9. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On
Resistance of the switch and the 35 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
10. Off Isolation = 20 log10 [VA/VBn].
11. TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested in production.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn