Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NLAS3158 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLAS3158 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 0
1
Publication Order Number:
NLAS3158/D
NLAS3158
Low Voltage Dual SPDT
Analog Switch Dual 2:1
Multiplexer
The NLAS3158 is an advanced CMOS analog switch fabricated
with silicon gate CMOS technology. It achieves very low
propagation delay and RDSON resistances while maintaining CMOS
low power dissipation. Analog and digital voltages that may vary
across the full power−supply range (from VCC to GND). This device
is a drop in replacement for the PI5A3158.
The select pin has overvoltage protection that allows voltages
above VCC, up to 7.0 V to be present on the pin without damage or
di srupt i o n of ope r a t i o n of the pa rt , re ga rdl e ss of the
operating voltage.
Features
High Speed: t
PD = 1.0 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: I
CC = 1.0
mA (Max) at TA = 25°C
Standard CMOS Logic Levels
High Bandwidth, Improved Linearity
Low RDS
ON: 8
W Max at 3 V
Break Before Make Circuitry, Prevents Inadvertent Shorts
This is a Pb−Free Device
Typical Applications
Switches Standard NTSC/PAL Video, Audio, SPDIF and HDTV
May be used for Clock Switching, Data MUX’ing, etc.
Can Switch Balanced Signal Pairs, e.g. LVDS u 200 Mb/s
Important Information
Latchup Performance Exceeds 300 mA
Pin for Pin Drop in for PI5A3158
TDFN Package, 3x1 mm
ESD Performance: Human Body Model; u 2000 V;
Machine Model;
u 200 V
Extended Automotive Temperature Range −55°C to +125°C
(See Appendix A)
DFN12
MN SUFFIX
CASE 485AG
http://onsemi.com
MARKING DIAGRAM
AS = Specific Device Code
C
= Date Code
L
H
FUNCTION TABLE
Select Input
Function
B0 Connected to A
B1 Connected to A
1
12
1
ASC
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
Figure 1. Pinout (Top View)
S1
A0
GND
A1
0B0
1
2
3
12
10
VCC
11
4
5
6
9
7
8
1B0
GND
1B1
VCC
S0
0B1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn