Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NLAS3158 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLAS3158 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NLAS3158
http://onsemi.com
5
APPENDIX A
DC ELECTRICAL EXTENDED AUTOMOTIVE TEMPERATURE RANGE CHARACTERISTICS (Note 14)
VCC
TA = +255C
TA = −555C to +1255C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
HIGH Level
Input Voltage
1.65−1.95
2.3−5.5
0.75 VCC
0.7 VCC
V
VIL
LOW Level
Input Voltage
1.65−1.95
2.3−5.5
0.25 VCC
0.3 VCC
V
IIN
Input Leakage Current
0
v VIN v 5.5 V
0−5.5
"0.05
"0.1
"1
mA
IOFF
OFF State Leakage
Current
0
v A, B v VCC
1.65−5.5
"0.05
"0.1
"1
mA
RON
Switch On Resistance
(Note 12)
VIN = 0 V, IO = 30 mA
VIN = 2.4 V, IO = −30 mA
VIN = 4.5 V, IO = −30 mA
4.5
3.0
5.0
7.0
8.5
13.0
15.0
W
VIN = 0 V, IO = 24 mA
VIN = 3 V, IO = −24 mA
3.0
4.0
10
11
20
VIN = 0 V, IO = 8 mA
VIN = 2.3 V, IO = −8 mA
2.3
5.0
13
12
30
VIN = 0 V, IO = 4 mA
VIN = 1.65 V, IO = −4 mA
1.65
6.5
17
20
50
ICC
Quiescent Supply
Current
All Channels ON or
OFF
VIN = VCC or GND
IOUT = 0
5.5
1.0
10
mA
Analog Signal Range
VCC
0
VCC
0
VCC
V
RRANGE
On Resistance
Over Signal Range
(Note 12) (Note 13)
IA = −30 mA, 0 v VBn v
VCC
IA = −24 mA, 0 v VBn v
VCC
IA = −8 mA, 0 v VBn
v VCC
IA = −4 mA, 0 v VBn
v VCC
4.5
3.0
2.3
1.65
25
50
100
300
W
12. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower
of the voltages on the two (A or B Ports).
13. Guaranteed by Design.
14. For
DRON, RFLAT see −40°C to +85°C section.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn