Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2296 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2296
Description  High Power Density 1.2A Boost Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2296 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2296 Datasheet HTML 1Page - Micrel Semiconductor MIC2296 Datasheet HTML 2Page - Micrel Semiconductor MIC2296 Datasheet HTML 3Page - Micrel Semiconductor MIC2296 Datasheet HTML 4Page - Micrel Semiconductor MIC2296 Datasheet HTML 5Page - Micrel Semiconductor MIC2296 Datasheet HTML 6Page - Micrel Semiconductor MIC2296 Datasheet HTML 7Page - Micrel Semiconductor MIC2296 Datasheet HTML 8Page - Micrel Semiconductor MIC2296 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel
MIC2296
April 2005
4
M9999-042005
(408) 955-1690
Typical Characteristics
72
74
76
78
80
82
84
0
50
100
150
200
250
OUTPUT CURRENT (mA)
12V Output with L = 4.7µH
V
IN = 3.2V
V
IN = 3.6V
V
IN = 4.2V
70
72
74
76
78
80
82
84
86
88
90
0
200
400
600
800 1000
OUTPUT CURRENT (mA)
5V Output with L = 4.7µH
V
IN = 3.2V
V
IN = 3.6V
V
IN = 4.2V
200
210
220
230
240
250
260
270
280
290
300
10
Input Voltage (V)
Switch Saturation Voltage
vs. Input Voltage
0
200
400
600
800
2.5
5
7.5
10
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
90
92
94
96
98
100
2.5
5
7.5
10
INPUT VOLTAGE (V)
Max Duty Cycle
vs. Input Voltage
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.5
5
7.5
10
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
11.8
11.85
11.9
11.95
12
12.05
12.1
12.15
12.2
0
25
50
75
100 125 150
LOAD (mA)
Load Regulation
V
IN
=
3.6V
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
0
100
200
300
400
500
600
700
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
FB Pin Current
vs. Temperature


Similar Part No. - MIC2296

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2296BD5 MICREL-MIC2296BD5 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296BML MICREL-MIC2296BML Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296YD5 MICREL-MIC2296YD5 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296YML MICREL-MIC2296YML Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC2296

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2295 MICREL-MIC2295 Datasheet
1Mb / 13P
   High Power Density 1.2A Boost Regulator
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com