Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2296 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2296
Description  High Power Density 1.2A Boost Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2296 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2296 Datasheet HTML 1Page - Micrel Semiconductor MIC2296 Datasheet HTML 2Page - Micrel Semiconductor MIC2296 Datasheet HTML 3Page - Micrel Semiconductor MIC2296 Datasheet HTML 4Page - Micrel Semiconductor MIC2296 Datasheet HTML 5Page - Micrel Semiconductor MIC2296 Datasheet HTML 6Page - Micrel Semiconductor MIC2296 Datasheet HTML 7Page - Micrel Semiconductor MIC2296 Datasheet HTML 8Page - Micrel Semiconductor MIC2296 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC2296
High Power Density 1.2A
Boost Regulator
MLF and MicroLeadFrame is a trademark of Amkor Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2005
M9999-042005
(408) 955-1690
General Description
The MIC2296 is a 600kHz, PWM dc/dc boost switching
regulator available in a 2mm x 2mm MLF™ package
option. High power density is achieved with the MIC2296’s
internal 34V / 1.2A switch, allowing it to power large loads
in a tiny footprint. The MIC2296 is a version of the
MIC2295 1.2MHz, PWM dc/dc boost switching regulator,
that offers improved efficiency resulting from 600kHz
operation.
The MIC2296 implements constant frequency 600kHz
PWM current mode control. The MIC2296 offers internal
compensation that offers excellent transient response and
output regulation performance. The high frequency
operation saves board space by allowing small, low-profile
external components. The fixed frequency PWM scheme
also reduces spurious switching noise and ripple to the
input power source.
The MIC2296 is available in a low-profile Thin SOT23 5-
lead package and a 2mm x2mm 8-lead MLF™ leadless
package. The 2mm x 2mm MLF™ package option has an
output over-voltage protection feature.
The MIC2296 has an operating junction temperature range
of –40
°C to +125°C
Features
• 2.5V to 10V input voltage range
• Output voltage adjustable to 34V
• 1.2A switch current
• 600kHz PWM operation
• Stable with small size ceramic capacitors
• High efficiency
• Low input and output ripple
• <1µA shutdown current
• UVLO
• Output over-voltage protection (MIC2296BML)
• Over temperature shutdown
• 2mm x 2mm leadless 8-lead MLF™ package option
• –40oC to +125oC junction temperature range
Applications
• Organic EL power supplies
• 3.3V to 5V/500mA conversion
• TFT-LCD bias supplies
• Positive and negative output regulators
• SEPIC converters
• Positive to negative Cuk converters
• 12V supply for DSL applications
• Multi-output dc/dc converters
10µH
R2
901
R1
10k
MIC2296BML
VIN
VIN
1-Cell
Li Ion
3V to 4.2V
VOUT
15V/100mA
EN
FB
AGND
C1
2.2µF
2.2µF
PGND
SW
OVP
L1
10µH
R2
3.3k
R1
10k
MIC2296 BD5
VIN
1-Cell
Li Ion
VOUT
5V/400mA
EN
SW
FB
GND
VIN
C1
2.2µF
10µF
1000 pF


Similar Part No. - MIC2296

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2296BD5 MICREL-MIC2296BD5 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296BML MICREL-MIC2296BML Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296YD5 MICREL-MIC2296YD5 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296YML MICREL-MIC2296YML Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC2296

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2295 MICREL-MIC2295 Datasheet
1Mb / 13P
   High Power Density 1.2A Boost Regulator
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com