Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F8016T6C-FF70 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6F8016T6C-FF70
Description  512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F8016T6C-FF70 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6F8016T6C-FF70 Datasheet HTML 1Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 2Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 3Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 4Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 5Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 6Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 7Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 8Page - Samsung semiconductor K6F8016T6C-FF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6F8016T6C Family
Revision 0.0
July 2003
2
CMOS SRAM
Preliminary
512K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
GENERAL DESCRIPTION
The K6F8016T6C families are fabricated by SAMSUNG
′s
advanced full CMOS process technology. The families support
industrial operating temperature ranges and have chip scale
package for user flexibility of system design. The families also
support low data retention voltage for battery back-up operation
with low data retention current.
FEATURES
• Process Technology: Full CMOS
• Organization: 512K x16
• Power Supply Voltage: 2.7~3.6V
• Low Data Retention Voltage: 1.5V(Min)
• Three State Outputs
• Package Type: 48-FBGA-6.00x7.00
Name
Function
Name
Function
CS1, CS2
Chip Select Inputs
Vcc
Power
OE
Output Enable Input
Vss
Ground
WE
Write Enable Input
UB
Upper Byte(I/O9~16)
A0~A18
Address Inputs
LB
Lower Byte(I/O1~8)
I/O1~I/O16 Data Inputs/Outputs
DNU
Do Not Use
PRODUCT FAMILY
1. The parameter is measured with 30pF test load.
2. Typical values are measured at VCC=3.3V, TA=25
°C and not 100% tested
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1, Max)
K6F8016T6C-F
Industrial(-40~85
°C)
2.7~3.6V
551)/70ns
4µA2)
4mA
48-FBGA-6.00x7.00
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
Clk gen.
Row
select
I/O1~I/O8
Data
cont
Data
cont
Data
cont
I/O9~I/O16
Vcc
Vss
Precharge circuit.
Memory array
1024 rows
512
×16 columns
I/O Circuit
Column select
PIN DESCRIPTION
48 ball FBGA - Top View(Ball Down)
LB
OE
A0
A1
A2
CS2
I/O9
UB
A3
A4
CS1
I/O1
I/O10
I/O11
A5
A6
I/O2
I/O3
Vss
I/O12
A17
A7
I/O4
Vcc
Vcc
I/O13
Vss
A16
I/O5
Vss
I/O15
I/O14
A14
A15
I/O6
I/O7
I/O16
DNU
A12
A13
WE
I/O8
A18
A8
A9
A10
A11
DNU
1
2
3
4
5
6
A
B
C
D
E
F
G
H
WE
OE
UB
CS1
LB
Control Logic
CS2
Row
Addresses
Column Addresses


Similar Part No. - K6F8016T6C-FF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B-F SAMSUNG-K6F8016R6B-F Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D-F SAMSUNG-K6F8016R6D-F Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6 SAMSUNG-K6F8016U6 Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F8016T6C-FF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM681FV16AU ETC2-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com