Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2505 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2505
Description  PLLatinu Dual Frequency Synthesizer System with Integrated VCOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2505 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2505 Datasheet HTML 1Page - National Semiconductor (TI) LMX2505 Datasheet HTML 2Page - National Semiconductor (TI) LMX2505 Datasheet HTML 3Page - National Semiconductor (TI) LMX2505 Datasheet HTML 4Page - National Semiconductor (TI) LMX2505 Datasheet HTML 5Page - National Semiconductor (TI) LMX2505 Datasheet HTML 6Page - National Semiconductor (TI) LMX2505 Datasheet HTML 7Page - National Semiconductor (TI) LMX2505 Datasheet HTML 8Page - National Semiconductor (TI) LMX2505 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMX2505
PLLatinumDual Frequency Synthesizer System
with Integrated VCOs
General Description
LMX2505 is a highly integrated, high performance, low
power frequency synthesizer system optimized for dual-
band Japan PDC mobile handsets. Using a proprietary digi-
tal phase locked loop technique, LMX2505 generates very
stable, low noise local oscillator signals for up and down
conversion in wireless communications devices.
LMX2505 includes dual voltage controlled oscillators (VCOs)
for the upper and lower Japan PDC frequency bands, a loop
filter, and a fractional-N RF PLL based on a delta sigma
modulator. In concert these blocks form a closed loop RF
synthesizer system. The RF synthesizer system supports
two frequency bands: PDC1500 and PDC800.
Serial data is transferred to the device via a three-wire
MICROWIRE interface (DATA, LE, CLK).
Operating supply voltage ranges from 2.5 V to 3.3 V.
LMX2505 features low current consumption: 10 mA at 2.8 V
when operating in the PDC800 mode.
LMX2505 is available in a 28-pin leadless leadframe pack-
age (LLP).
Features
n
Small Size
5.0 mm X 5.0 mm X 0.75 mm 28-Pin LLP Package
n
RF Synthesizer System
Two Integrated VCOs
Integrated Loop Filter
Low Spurious, Low Phase Noise Fractional-N RF PLL
Based on 10-Bit Delta Sigma Modulator
Frequency Resolution Down to 20 kHz
n
Supports Various Reference Frequencies
12.6/14.4/25.2/26.0 MHz
n
Fast Lock Time: 300 µs
n
Low Current Consumption
10 mA at 2.8 V in PDC800 Mode
n
2.5 V to 3.3 V Operation
n
Digital Filtered Lock Detect Output
n
Hardware and Software Power Down Control
Applications
n
Japan PDC Systems at 800 MHz and 1500 MHz
Frequency Bands.
Functional Block Diagram
20067107
FastLockis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
PLLatinumis a trademark of National Semiconductor Corporation.
April 2004
© 2004 National Semiconductor Corporation
DS200671
www.national.com


Similar Part No. - LMX2505

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2502LQ1635 NSC-LMX2502LQ1635 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502LQ1635/NOPB TI1-LMX2502LQ1635/NOPB Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2502LQX1635 NSC-LMX2502LQX1635 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2505

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Texas Instruments
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
[Old version datasheet]   LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com