Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X222K1RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X222K1RACTU
Description  SMD Comm X7R Flex, Ceramic, 2200 pF, 10%, 100 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X222K1RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X222K1RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/21/2017 - 83793d51-2442-4d2d-a31d-d48154d3da42
KEMET Part Number: C0603X222K1RACTU
(C0603X222K1RAC7867)
SMD Comm X7R Flex, Ceramic, 2200 pF, 10%, 100 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
Dimensions
L
1.6mm +/-0.17mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.15mm
S
0.58mm MIN
B
0.45mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Comm X7R Flex
Style: SMD Chip
Description: SMD, MLCC, FT-CAP,
Temperature Stable
Features: FT-CAP, Temperature Stable
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 0603
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603X222K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X222K1RACAUTO KEMET-C0603X222K1RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R Flex, Ceramic, 2200 pF, 10%, 100 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 0603
More results

Similar Description - C0603X222K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X222K3RACTU KEMET-C0603X222K3RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 2200 pF, 10%, 25 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
C0603X472K1RACTU KEMET-C0603X472K1RACTU Datasheet
72Kb / 1P
   SMD Comm X7R Flex, Ceramic, 4700 pF, 10%, 100 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
C0603X471K1RACTU KEMET-C0603X471K1RACTU Datasheet
72Kb / 1P
   SMD Comm X7R Flex, Ceramic, 470 pF, 10%, 100 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
C0805X222K1RACTU KEMET-C0805X222K1RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 2200 pF, 10%, 100 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0603X222J5RACTU KEMET-C0603X222J5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 2200 pF, 5%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
C0603X221K1RACTU KEMET-C0603X221K1RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 220 pF, 10%, 100 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
C1206X222KGRACTU KEMET-C1206X222KGRACTU Datasheet
72Kb / 1P
   SMD Comm X7R HV Flex, Ceramic, 2200 pF, 10%, 2,000 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 1206
C1206X222K5RACTU KEMET-C1206X222K5RACTU Datasheet
59Kb / 1P
   SMD Comm X7R Flex, Ceramic, 2200 pF, 10%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 1206
C1206X102K1RACTU KEMET-C1206X102K1RACTU Datasheet
72Kb / 1P
   SMD Comm X7R Flex, Ceramic, 1000 pF, 10%, 100 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 1206
C0603X471K5RACTU KEMET-C0603X471K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 470 pF, 10%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com