Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2562-H-ABC0-D-E Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2562-H-ABC0-D-E
Description  IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2562-H-ABC0-D-E Datasheet(HTML) 2 Page - Schurter Inc.

  2562-H-ABC0-D-E Datasheet HTML 1Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 2Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 3Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors (Inlets/Outlets)
2562
https://www.schurter.com /PG07
Connectors
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
Solder or quick connect terminals
39
17
30
22.5
3.5
E
1
20.4
23
+0.20
0
30 ±0.10
E: Solder terminals short: 18.9 mm
E: Solder terminals long: 22.6 mm
E: Quick connect terminals 2.8x0.8 mm: 24.9 mm


Similar Part No. - 2562-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2562-H-ABC0-D-E SCHURTER-2562-H-ABC0-D-E Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
More results

Similar Description - 2562-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2561_1809 SCHURTER-2561_1809 Datasheet
318Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562 SCHURTER-2562_21 Datasheet
242Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562 SCHURTER-2562_V01 Datasheet
243Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2562 SCHURTER-2562 Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562_1809 SCHURTER-2562_1809 Datasheet
257Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561 Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_18 Datasheet
309Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_21 Datasheet
309Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_V01 Datasheet
310Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2563 SCHURTER-2563_V01 Datasheet
317Kb / 4P
   IEC Appliance Inlet C6, insert Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com