Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2562-H-ABC0-D-E Datasheet(PDF) 1 Page - Schurter Inc.

Part # 2562-H-ABC0-D-E
Description  IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2562-H-ABC0-D-E Datasheet(HTML) 1 Page - Schurter Inc.

  2562-H-ABC0-D-E Datasheet HTML 1Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 2Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 3Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Connectors (Inlets/Outlets)
2562
https://www.schurter.com /PG07
Connectors
IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
See below:
Approvals and Compliances
C6
70° C
Description
- Panel Mount :
Screw-on mounting , Front Side
- 1 Function :
Appliance Inlet , Pin temperature 70 °C Protection class I
- Solder, Quick Connect or PCB Terminal
Characteristics
- Contact pins are turned from solid material
References
We recommend for new applications the type 0724
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
2.5 A / 250 VAC; 50 Hz
Ratings UL/CSA
2.5 A / 250 VAC; 60 Hz
Dielectric Strength
> 4 kVAC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 70 °C
IP-Protection
from front side IP 20 acc. to IEC 60529
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Material: Housing
PA6, black, UL 94V-0
appliance inlet/-outlet
C6 acc. to IEC 60320-1
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C,
2.5 A, Protection Class I
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: 2562
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40002273
UL Approvals
UL
UL File Number: E96454
CSA Approvals
CSA
CSA Certification Record: 27324
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
UL 498
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 42
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices


Similar Part No. - 2562-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2562-H-ABC0-D-E SCHURTER-2562-H-ABC0-D-E Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
More results

Similar Description - 2562-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2561_1809 SCHURTER-2561_1809 Datasheet
318Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562 SCHURTER-2562_21 Datasheet
242Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562 SCHURTER-2562_V01 Datasheet
243Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2562 SCHURTER-2562 Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562_1809 SCHURTER-2562_1809 Datasheet
257Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561 Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_18 Datasheet
309Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_21 Datasheet
309Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_V01 Datasheet
310Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2563 SCHURTER-2563_V01 Datasheet
317Kb / 4P
   IEC Appliance Inlet C6, insert Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com