Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C273J3RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C273J3RACTU
Description  SMD Comm X7R, Ceramic, 0.027 uF, 5%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C273J3RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C273J3RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/23/2017 - a9bd7267-5050-4fa1-adfc-3d9df93d6787
KEMET Part Number: C0603C273J3RACTU
(C0603C273J3RAC7867)
SMD Comm X7R, Ceramic, 0.027 uF, 5%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Comm X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 0603
Specifications
Capacitance: 0.027 uF
Capacitance Tolerance: 5%
Voltage DC: 25 VDC
Dielectric Withstanding
Voltage: 62.5 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 3.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 37.037 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C273J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C27311RAC KEMET-C0603C27311RAC Datasheet
35Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts
C0603C2731RAC KEMET-C0603C2731RAC Datasheet
35Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts
C0603C273K1RACTU KEMET-C0603C273K1RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 0.027 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C273K3RACTU KEMET-C0603C273K3RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 0.027 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C273K4RACTU KEMET-C0603C273K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.027 uF, /-10% Tol, 16 V, X7R, 0603 (1608 metric)
More results

Similar Description - C0603C273J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C273K3RACTU KEMET-C0603C273K3RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 0.027 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C273K1RACTU KEMET-C0603C273K1RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 0.027 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C224J3RACTU KEMET-C0603C224J3RACTU Datasheet
58Kb / 1P
   SMD Comm X7R, Ceramic, 0.22 uF, 5%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C333J3RACTU KEMET-C0603C333J3RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 0.033 uF, 5%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C123K3RACTU KEMET-C0603C123K3RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.012 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C183K3RACTU KEMET-C0603C183K3RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.018 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C154K3RACTU KEMET-C0603C154K3RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.15 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C223M3RACTU KEMET-C0603C223M3RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.022 uF, 20%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C104K3RAC7411 KEMET-C0603C104K3RAC7411 Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.1 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C332J3RACTU KEMET-C0603C332J3RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 3300 pF, 5%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com