Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP202A7HST2B00A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S6BP202A7HST2B00A
Description  ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP202A7HST2B00A Datasheet(HTML) 5 Page - Cypress Semiconductor

  S6BP202A7HST2B00A Datasheet HTML 1Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 2Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 3Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 4Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 5Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 6Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 7Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 8Page - Cypress Semiconductor S6BP202A7HST2B00A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Document Number: 002-08496 Rev. *D
Page
5 of 20
S6BP202A
Part Number (MPN)
Order
Code
VOUT
Output
Voltage [V]
SYNC
Function
VOUT UVP Threshold [%] VOUT OVP Threshold [%] Power-on
Reset
Time[s]
Falling (Typ) Rising(Typ) Rising (Typ) Falling (Typ)
S6BP202A7BST2B00A
7B
5.200
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A7CST2B00A
7C
SYNC_OUT
S6BP202A7DST2B00A
7D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A7EST2B00A
7E
SYNC_OUT
S6BP202A7FST2B00A
7F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A7GST2B00A
7G
SYNC_OUT
S6BP202A7HST2B00A
7H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A7JST2B00A
7J
SYNC_OUT
MPN: Marketing Part Number
2.
Pin Assignment
Figure 2-1 Pin Assignment
(Top view)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EP: GND
PGND1
LX1
PVIN
BST
VIN
ENA
MODE
VCC
PGND2
LX2
VOUT
FB
RT
SYNC
PG
GND
(SEC016)
3.
Pin Descriptions
Table 3-1 Pin Descriptions
Pin No.
Pin Name
I/O
Description
1
PGND1
GND pin for built-in switching FET
2
LX1
O
Inductor connection pin
3
PVIN
I
Power supply pin for PWM controller and switching FETs
4
BST
I
BST(Boost) capacitor connection pin
5
VIN
I
Power supply pin
6
ENA
I
DC/DC converter enable pin
7
MODE
I
PWM/PFM operation control pin
8
VCC
O
VCC capacitor connection pin. LDO output pin of Internal reference voltage
9
GND
GND pin
10
PG
O
Open drain output pin for power good. When being used, connect PG pin to VCC pin or VOUT
pin. When not being used, leave PG pin open.
11
SYNC
I/O
External clock input pin / Internal clock output pin
For the SYNC pin setting, refer to "10.1 Setting the Operation Conditions"
12
RT
O
Timing resistor connection pin for internal clock (switching frequency)
For the resistance, refer to "10.1 Setting the Operation Conditions"
13
FB
I
Output voltage feedback pin
14
VOUT
O
DC/DC converter output pin
15
LX2
O
Inductor connection output pin.
16
PGND2
GND pin for built-in switching FET
EP
GND
GND pin


Similar Part No. - S6BP202A7HST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP202A7HST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com