Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54678FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54678FP
Description  2-PHASE STEPPER MOTOR DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54678FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54678FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54678FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54678FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54678FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54678FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54678FP
MITSUBISHI <CONTROL / DRIVER IC>
V
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C unless otherwise noted.)
Symbol
Conditions
Unit
Parameter
Vm
Output stage supply voltage
-0.3 – 37
PIN FUNCTION
Iout
VCC
Vlogic
Vanalog
Pd
K
θ
Tj
Topr
Ratings
V
Output current
1phase
±1.0
V
Supply voltage
A
-0.3 – VCC
V
Analog input voltage
W
100mm
× 100mm, t = 1.6mm
glassfiber epoxy resin circuit board
1.5
°C/W
Power dissipation
100mm
× 100mm, t = 1.6mm
glassfiber epoxy resin circuit board
2.0
°C
Thermal derating
62.5
°C
Junction temperature
°C
Operating temperature
150
-20 – 75
Rs Pin
Ph, En Pin
Vref, S Pin
Tstg
Storage temperature
Logic input voltage
-40 – 125
Terminal
Functions
Symbol
Output stage supply voltage
Output terminal
Current sensor
Power supply
Phase input
Enable input
Sense input
Vref input
Voltage stabilizer output
Power supply for motor working
Motor drive output terminal
Output current sensing resistor (Rs) connect terminal
Control circuit power supply
Output current direction switch
“L” input
→ Motor on “H” input → Enable
Comparator input voltage terminal
Comparator reference voltage terminal
Constant voltage output (Vout = 3.5V)
Vm
Regout
Vref1, Vref2
S1, S2
En1, En2
Ph1, Ph2
VCC
Rs1,Rs2
Out1, Out1B, Out2, Out2B
VRs
Current sensor voltage
-0.3 – 7
-0.3 – VCC
V
RECOMMENDED OPERATIONAL CONDITIONS
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
V
VCC
Supply voltage
Output stage supply voltage
Vm
V
Iout
tPLH
Output current
Logic input rise time
5.0
5.5
35
800
2
4.5
10
50
mA
µS
µS
tPHL
Logic input fall time
PWM on time
Ton
µS
Toff
TSDon
PWM off time
Thermal shutdown temperature
160
2
50
50
5
5
µS
°C


Similar Part No. - M54678FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
More results

Similar Description - M54678FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com