Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP202A3GST2B00A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S6BP202A3GST2B00A
Description  ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP202A3GST2B00A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S6BP202A3GST2B00A Datasheet HTML 5Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 6Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 7Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 8Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 9Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 10Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 11Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 12Page - Cypress Semiconductor S6BP202A3GST2B00A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Document Number: 002-08496 Rev. *D
Page
9 of 20
S6BP202A
7.
Electrical Characteristics
VIN=PVIN=12V, ENA=5V
(Unless specified otherwise, these are the electrical characteristics under the recommended operating environment.)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Buck-boost
DC/DC
converter
Block
VOUT output voltage
VVOUT
IVOUT = 0A, When VVOUT = 5.000 (*1)
4.925
5.000
5.075
V
IVOUT = 0A, When VVOUT = 5.050 (*1)
4.975
5.050
5.125
V
IVOUT = 0A, When VVOUT = 5.075 (*1)
4.999
5.075
5.151
V
IVOUT = 0A, When VVOUT = 5.100 (*1)
5.024
5.100
5.176
V
IVOUT = 0A, When VVOUT = 5.125 (*1)
5.048
5.125
5.201
V
IVOUT = 0A, When VVOUT = 5.150 (*1)
5.073
5.150
5.227
V
IVOUT = 0A, When VVOUT = 5.200 (*1)
5.122
5.200
5.278
V
FB input resistance
RFB
EN = 0V, Ta = +25°C
3.84
4.80
5.76
Switching FET
on-resistance
RHSIDEFET1
LX1 = −30 mA (Between PVIN−LX1)
150
RLSIDEFET1
LX1 = 30 mA (Between LX1−PGND1)
150
RHSIDEFET2
LX2 = −30 mA (Between VOUT−LX2)
150
RLSIDEFET2
LX2 = 30 mA (Between LX2−PGND2)
150
switching FET
leakage current
ILEAK
5
µA
Soft-start time
TSS
RRT = 22 kΩ
0.855
0.9
0.945
ms
Maximum output current
IVOUT
PVIN ≥ 7.5V, Ta = 25 °C
2.4 (*2)
A
PVIN = 4.5V, Ta = 25 °C
1.0 (*2)
A
Current limit
ILIMT
PVIN = 12V, L = 2.2 µH
2.4 (*2)
A
5V LDO block
VCC output voltage
VVCC
VIN = 12V
4.9
5.0
5.1
V
VIN UVLO
block
VIN UVLO falling threshold
VUVLOVINHL
VIN input voltage when falling
2.30
2.40
2.50
V
VIN UVLO rising threshold
VUVLOVINLH
VIN input voltage when rising
4.55
4.75
4.95
V
VCC UVLO
block
VCC UVLO falling threshold
VUVLOVCCHL
VCC input voltage when falling
2.30
2.40
2.50
V
VCC UVLO rising threshold
VUVLOVCCLH
VCC input voltage when rising
4.55
4.75
4.95
V
ENA pin
Enable condition
VENA
Enable voltage range
1.10
VVIN
V
VDSB
Disable voltage range
0.0
0.2
V
ENA input current
IENA
VENA = 12V
1
3
µA
MODE pin
MODE input voltage
VMODE_L
Automatic PWM/PFM switching
0.0
0.4
V
VMODE_H
Fixed PWM operation
2.0
VVOUT
V
MODE Input current
IMODE
MODE = 5.0V
5
10
µA
OSC block
Switching frequency
(SYNC output frequency)
FOSC
RRT = 22kΩ
2.0
2.1
2.2
MHz
RRT = 270kΩ
180
200
220
kHz
SYNC block
(SYNC_IN/
SYNC_OUT)
SYNC input threshold
VSYNC_L
When selecting SYNC_IN (*1)
0.0
0.4
V
VSYNC_H
When selecting SYNC_IN (*1)
2.0
VVOUT
V
SYNC input frequency
VSYNC_L
When selecting SYNC_IN (*1)
200
400
kHz
SYNC input duty ratio
VSYNC_H
When selecting SYNC_IN (*1)
+20
+50
+80
%
SYNC output frequency
FOUTPUT
When selecting SYNC_OUT (*1)
FOSC
Hz
SYNC output duty ratio
FOUTDUTY
When selecting SYNC_OUT (*1)
+40
+50
+60
%
SYNC leakage current
ILKSYNC
VSYNC = 5.0V, When selecting
SYNC_IN (*1)
5
10
µA
PG block
(UVP, OVP)
VOUT UVP falling threshold
PGUVPHL
Falling threshold for VOUT output
voltage setting (*1)
90.5
92.0
93.5
%
94.0
95.5
97.0
%
VOUT UVP rising threshold
PGUVPLH
Rising threshold for VOUT output
voltage setting (*1)
91.5
93.0
94.5
%
95.0
96.5
98.0
%
VOUT OVP rising threshold
PGOVPLH
Rising threshold for VOUT output
voltage setting (*1)
106.5
108.0
109.5
%
103.0
104.5
106.0
%
VOUT OVP falling threshold
PGOVPHL
Falling threshold for VOUT output
voltage setting (*1)
105.5
107.0
108.5
%
102.0
103.5
105.0
%
Leak current
ILKPG
VPWRGD = 5.0V, VENA = 0V
0
1
µA
Low level output voltage
VOLPG
IPGSINK = 1 mA
0.025
0.05
0.15
V
Delay time
at abnormal detection
TPPG
At power shutdown
7(*2)
12(*2)
µs
Power-on reset time (*1)
TRPG
At power good
7(*2)
12(*2)
µs
9.1
14.0
18.9
ms


Similar Part No. - S6BP202A3GST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP202A3GST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com