Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP202A3CST2B00A Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S6BP202A3CST2B00A
Description  ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP202A3CST2B00A Datasheet(HTML) 2 Page - Cypress Semiconductor

  S6BP202A3CST2B00A Datasheet HTML 1Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 2Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 3Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 4Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 5Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 6Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 7Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 8Page - Cypress Semiconductor S6BP202A3CST2B00A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Document Number: 002-08496 Rev. *D
Page
2 of 20
S6BP202A
More Information
Cypress provides a wealth of data at www.cypress.com/pmic to help you to select the right PMIC device for your design, and to
help you to quickly and effectively integrate the device into your design. Following is an abbreviated list for S6BP202A.
Overview: Automotive PMIC Portfolio, Automotive PMIC
Roadmap
Product Selector:
S6BP202A:
1-Ch Buck-Boost Automotive PMIC
Application Notes: Cypress offers S6BP202A application
notes. Recommended application notes for getting started
with S6BP202A are:
AN99497: Designing a Power Management System
with S6BP201A, S6BP202A, and S6BP203A
AN201006: Thermal Considerations and Parameters
Evaluation Kit Operation Manual:
S6SBP202A1FVA1001:
Power block of automotive instrument cluster
Related Products:
S6BP201A, S6BP203A:
1-Ch Buck-Boost Automotive PMIC
S6BP401A:
6-Ch Automotive PMIC for ADAS
S6BP501A, S6BP502A:
3-Ch Automotive PMIC for Instrument Cluster


Similar Part No. - S6BP202A3CST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP202A3CST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com