Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP202A3BST2B00A Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S6BP202A3BST2B00A
Description  ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP202A3BST2B00A Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S6BP202A3BST2B00A Datasheet HTML 6Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 7Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 8Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 9Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 10Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 11Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 12Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 13Page - Cypress Semiconductor S6BP202A3BST2B00A Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Document Number: 002-08496 Rev. *D
Page
10 of 20
S6BP202A
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Thermal
shutdown
block (TSD)
Shutdown temperature
TTSDH
165 (*2)
°C
TTSDL
Hysteresis
10 (*2)
°C
Supply current
Shutdown current
IVINSDN
VIN input current, VENA = 0V
1
5
µA
Quiescent current
IVINQ
VIN input current, VENA = 12V,
IVOUT = 0A,
MODE/SYNC/PG Pins = OPEN
20
40
µA
*1: Refer to "1. Product Lineup"
*2: The electrical characteristic is ensured by statistical characterization and indirect tests.
8.
Functional Description
8.1
Block Description
Input Under Voltage Lockout (Input UVLO)
The input UVLO is the function that prevents a malfunction of this IC from the following status, and protects poststage devices.
Transitional state at start-up
Momentary drop of power supply voltage
To prevent such a malfunction, this protection monitors the VIN input voltage and VCC voltage. When either VIN or VCC voltage falls
to the UVLO falling threshold, 2.4V (Typ), or lower, the IC stops the VOUT voltage output and becomes UVLO status. When both VIN
and VCC voltages reach the UVLO rising threshold, 4.75V (Typ), or higher, the IC is released from the UVLO state and returns to the
normal operation.
Output Under Voltage Protection (Output UVP)
The output UVP is the function that monitors the voltage drop of the VOUT pin and notifies by the PG pin.
When the output voltage falls to the UVP falling threshold (PGUVPHL) for the output voltage setting or lower, the PG voltage is fixed to
the low level. The IC becomes the UVP status, but the switching operation is maintained under the UVP status.
When the output voltage once again reaches the UVP rising threshold (PGUVPLH) for the output voltage setting or higher, the IC is
released from the UVP state and the PG voltage is fixed to the high level.
Output Over Voltage Protection (Output OVP)
The output OVP is the function that monitors the voltage rise of the VOUT pin and stops the switching operations, which protects
poststage devices from overvoltage. Also, the VOUT state is notified by the PG pin.
When the output voltage rises to the OVP falling threshold (PGOVPLH) for the output voltage setting or higher, the PG voltage is fixed to
the low level. The IC becomes the OVP status, and the switching operations of the high-Side FETs are stopped. When the output
voltage once again falls to the OVP falling threshold (PGOVPHL) for the output voltage setting or lower, the IC is released from the OVP
state and resumes the switching operations. The PG voltage is fixed to the high level again.
Output Over Current Protection (Output OCP)
The output OCP is the function that limits the excessive current load and protects poststage devices.
Thermal Shutdown (TSD)
The TSD is the function that protects the IC from heat-destruction. When the junction temperature reaches +165°C (Typ), the
high-side and low-side switching FET are turned off and the IC becomes the TSD status. When the junction temperature once again
falls to +155°C (Typ) or lower, the IC is released from the TSD state and restarts the power supply.


Similar Part No. - S6BP202A3BST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP202A3BST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com