Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP202A2JST2B00A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S6BP202A2JST2B00A
Description  ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP202A2JST2B00A Datasheet(HTML) 4 Page - Cypress Semiconductor

  S6BP202A2JST2B00A Datasheet HTML 1Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 2Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 3Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 4Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 5Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 6Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 7Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 8Page - Cypress Semiconductor S6BP202A2JST2B00A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Document Number: 002-08496 Rev. *D
Page
4 of 20
S6BP202A
1.
Product Lineup
The VOUT output voltage, SYNC function, VOUT UVP threshold, VOUT OVP threshold, power-on reset time of this product are
set at the factory shipment. To order a product, select an item from the product lineup blow.
Part Number (MPN)
Order
Code
VOUT
Output
Voltage [V]
SYNC
Function
VOUT UVP Threshold [%] VOUT OVP Threshold [%] Power-on
Reset
Time[s]
Falling (Typ) Rising(Typ) Rising (Typ) Falling (Typ)
S6BP202A1BST2B00A
1B
5.000
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A1CST2B00A
1C
SYNC_OUT
S6BP202A1DST2B00A
1D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A1EST2B00A
1E
SYNC_OUT
S6BP202A1FST2B00A
1F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A1GST2B00A
1G
SYNC_OUT
S6BP202A1HST2B00A
1H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A1JST2B00A
1J
SYNC_OUT
S6BP202A2BST2B00A
2B
5.050
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A2CST2B00A
2C
SYNC_OUT
S6BP202A2DST2B00A
2D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A2EST2B00A
2E
SYNC_OUT
S6BP202A2FST2B00A
2F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A2GST2B00A
2G
SYNC_OUT
S6BP202A2HST2B00A
2H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A2JST2B00A
2J
SYNC_OUT
S6BP202A3BST2B00A
3B
5.075
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A3CST2B00A
3C
SYNC_OUT
S6BP202A3DST2B00A
3D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A3EST2B00A
3E
SYNC_OUT
S6BP202A3FST2B00A
3F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A3GST2B00A
3G
SYNC_OUT
S6BP202A3HST2B00A
3H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A3JST2B00A
3J
SYNC_OUT
S6BP202A4BST2B00A
4B
5.100
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A4CST2B00A
4C
SYNC_OUT
S6BP202A4DST2B00A
4D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A4EST2B00A
4E
SYNC_OUT
S6BP202A4FST2B00A
4F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A4GST2B00A
4G
SYNC_OUT
S6BP202A4HST2B00A
4H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A4JST2B00A
4J
SYNC_OUT
S6BP202A5BST2B00A
5B
5.125
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A5CST2B00A
5C
SYNC_OUT
S6BP202A5DST2B00A
5D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A5EST2B00A
5E
SYNC_OUT
S6BP202A5FST2B00A
5F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A5GST2B00A
5G
SYNC_OUT
S6BP202A5HST2B00A
5H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A5JST2B00A
5J
SYNC_OUT
S6BP202A6BST2B00A
6B
5.150
SYNC_IN
92.0
93.0
108.0
107.0
7.0µ
S6BP202A6CST2B00A
6C
SYNC_OUT
S6BP202A6DST2B00A
6D
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A6EST2B00A
6E
SYNC_OUT
S6BP202A6FST2B00A
6F
SYNC_IN
92.0
93.0
108.0
107.0
14.0m
S6BP202A6GST2B00A
6G
SYNC_OUT
S6BP202A6HST2B00A
6H
SYNC_IN
95.5
96.5
104.5
103.5
S6BP202A6JST2B00A
6J
SYNC_OUT


Similar Part No. - S6BP202A2JST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP202A2JST2B00A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com