Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6AP413A6BGN1C000 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # S6AP413A6BGN1C000
Description  4ch DC/DC Converter with I2C Interface and Internal SW FETs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP413A6BGN1C000 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button S6AP413A6BGN1C000 Datasheet HTML 7Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 8Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 9Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 10Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 11Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 12Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 13Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 14Page - Cypress Semiconductor S6AP413A6BGN1C000 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Document Number: 002-08448 Rev.*A
Page 11 of 69
S6AP413A
6. Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VVCC1
AVCC,PVCC input voltage
-0.3
6.5
V
VVCC2
DVCC input voltage
-0.3
6.5
V
Terminal voltage
VCTL1
CTL1, CTL2, CTL3 input voltage
-0.3
6.5
V
VCTL2
CTLMAIN input voltage
-0.3
6.5
V
VLOGIC
SDA,SCL input voltage
-0.3
6.5
V
VPG
PG1, PG2, PG3, PG4 drain voltage
-0.3
6.5
V
VOUT
IN1, IN2, IN3, IN4 input voltage
-0.3
6.5
V
LX voltage
VLX
LX1, LX2, LX3, LX4 voltage
-1.0
6.5
V
Permission loss
PD
Ta
≤+25°C
Thermal resistance(θja):(29.2°C /W(*1))
0
3420
mW
Maximum junction temperature
Tjmax
-
-
+125
°C
Storage temperature
TSTG
-
-55
+125
°C
*1: When the IC is mounted on 74mm × 74mm four-layer square epoxy board. IC is mounted on a four-layer
epoxy board, which terminal bias, and the IC’s thermal pad is connected to the epoxy board.
WARNING:
1. Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings. Do not exceed any of
these ratings.
Figure 2. Power Dissipation vs. Operation Ambient Temperature
0
500
1000
1500
2000
2500
3000
3500
4000
-40
-20
0
20
40
60
80
100
Temperature[
˚C]
Power dissipation vs. Operation ambient temperature


Similar Part No. - S6AP413A6BGN1C000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A18GN1C000 CYPRESS-S6AP412A18GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A28GN1C000 CYPRESS-S6AP412A28GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A38GN1C000 CYPRESS-S6AP412A38GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A58GN1C000 CYPRESS-S6AP412A58GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
More results

Similar Description - S6AP413A6BGN1C000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
MB39C031 CYPRESS-MB39C031 Datasheet
1Mb / 69P
   2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Isahaya Electronics Cor...
VLA127-02R ISAHAYA-VLA127-02R Datasheet
548Kb / 4P
   IPM INTERFACE MODULE WITH DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com