Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E1C31D0AGV20000 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S6E1C31D0AGV20000
Description  32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1C31D0AGV20000 Datasheet(HTML) 5 Page - Cypress Semiconductor

  S6E1C31D0AGV20000 Datasheet HTML 1Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 2Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 3Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 4Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 5Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 6Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 7Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 8Page - Cypress Semiconductor S6E1C31D0AGV20000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
Document Number: 002-00233 Rev. *D
Page 5 of 109
S6E1C Series
2. Product Lineup
Memory Size
Product name
S6E1C11
S6E1C31
S6E1C12
S6E1C32
On-chip Flash memory
64 Kbytes
128 Kbytes
On-chip SRAM
12 Kbytes
16 Kbytes
Function
Function Name
S6E1C1
S6E1C3
CPU
Cortex-M0+
Frequency
40.8 MHz
Power supply voltage range
1.65 V to 3.6 V
USB2.0 (Device/Host)
-
1 unit
DSTC
64 ch.
Base Timer
(PWC/Reload timer/PWM/PPG)
8 ch. (Max)
Dual Timer
1 unit
Real-time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1 ch. (SW) + 1 ch. (HW)
CSV (Clock Supervisor)
Yes
LVD (Low-voltage Detection)
2 ch.
Built-in CR
High-speed
8 MHz (Typ)
Low-speed
100 kHz (Typ)
Debug Function
SW-DP
Unique ID
Yes
Note:
Because of package pin limitations, not all functions within the device can be brought out to external pins. You must carefully
work out the pin allocation needed for your design.
You must use the port relocate function of the I/O port according to your function use.
See "11. Electrical Characteristics 11.4 AC Characteristics 11.4.3 Built-in CR Oscillation Characteristics" for accuracy of built-in
CR.


Similar Part No. - S6E1C31D0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C31D0AGV20000 CYPRESS-S6E1C31D0AGV20000 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
More results

Similar Description - S6E1C31D0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C3 CYPRESS-S6E1C3 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com