Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6AP412A98GN1C000 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S6AP412A98GN1C000
Description  3ch DC/DC Converter with I2C Interface and Internal SW FETs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP412A98GN1C000 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S6AP412A98GN1C000 Datasheet HTML 5Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 6Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 7Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 8Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 9Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 10Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 11Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 12Page - Cypress Semiconductor S6AP412A98GN1C000 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Document Number: 002-08447 Rev.*A
March 28, 2016
Page 9 of 68
S6AP412A
Block
Pin
Name
Pin
Numb
er
I/
O
Description
Pull-
down
Resist
or
Unuse
d DD1
Unused
DD2
Unused
DD3
Unus
ed
I
2C
Reference
control
AVCC
27
-
Power supply for reference
voltage
-
-
-
-
-
MODE
12
I
Select for DC/DC converter
operation mode (H: PFM/PWM
mode, L=PWM mode, common
for all DCDC converter )
Exist
-
-
-
-
VREF18
26
O
Output reference voltage
-
-
-
-
-
GND
13
-
Ground for reference voltage
-
-
-
-
-
GND
EP
-
Ground for reference voltage
-
-
-
-
-


Similar Part No. - S6AP412A98GN1C000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP413A CYPRESS-S6AP413A Datasheet
3Mb / 69P
   4ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP413A18GN1C000 CYPRESS-S6AP413A18GN1C000 Datasheet
3Mb / 69P
   4ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP413A19GN1C000 CYPRESS-S6AP413A19GN1C000 Datasheet
3Mb / 69P
   4ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP413A1AGN1C000 CYPRESS-S6AP413A1AGN1C000 Datasheet
3Mb / 69P
   4ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP413A1BGN1C000 CYPRESS-S6AP413A1BGN1C000 Datasheet
3Mb / 69P
   4ch DC/DC Converter with I2C Interface and Internal SW FETs
More results

Similar Description - S6AP412A98GN1C000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP413A CYPRESS-S6AP413A Datasheet
3Mb / 69P
   4ch DC/DC Converter with I2C Interface and Internal SW FETs
MB39C031 CYPRESS-MB39C031 Datasheet
1Mb / 69P
   2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Isahaya Electronics Cor...
VLA127-02R ISAHAYA-VLA127-02R Datasheet
548Kb / 4P
   IPM INTERFACE MODULE WITH DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com