Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP203A Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S6BP203A
Description  ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP203A Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S6BP203A Datasheet HTML 6Page - Cypress Semiconductor S6BP203A Datasheet HTML 7Page - Cypress Semiconductor S6BP203A Datasheet HTML 8Page - Cypress Semiconductor S6BP203A Datasheet HTML 9Page - Cypress Semiconductor S6BP203A Datasheet HTML 10Page - Cypress Semiconductor S6BP203A Datasheet HTML 11Page - Cypress Semiconductor S6BP203A Datasheet HTML 12Page - Cypress Semiconductor S6BP203A Datasheet HTML 13Page - Cypress Semiconductor S6BP203A Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Document Number: 002-08534 Rev. *D
Page
10 of 19
S6BP203A
7.2
Protection Function Table
The following table shows the state of each pin when each protection function operates.
Table 7-1 Protection Function Table
Function
ENA Pin
Setting
PG Pin
Output
DC/DC
Converter
Operation
Remarks
Shutdown operation
L
Hi-Z (*1)
Shutdown
It is recommended to connect PG pin to VOUT pin via a
pull-up resistor.
When setting ENA pin to a low level, VOUT pin voltage
drops to 0V. Therefore, PG pin outputs 0V.
Nominal operation
H
Hi-Z (*1)
Switching
Input under voltage protection
(Input UVLO)
H
L
Shutdown
After releasing UVLO state, this IC is automatically reset
with soft start.
Output under voltage protection
(Output UVP)
H
L
Switching
Output over voltage protection
(Output OVP)
H
L
Shutdown
Output over current protection
(Output OCP)
H
L
Switching
OCP operates to drop the output voltage.
Thermal shutdown
(TSD)
H
L
Shutdown
After releasing TSD state, this IC is automatically reset with
soft start.
*1: PG pin is formed as an open drain structure. The internal MOSFET is in the OFF state.


Similar Part No. - S6BP203A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP203A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
   ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
   Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com