Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6AP413A18GN1C000 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S6AP413A18GN1C000
Description  4ch DC/DC Converter with I2C Interface and Internal SW FETs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP413A18GN1C000 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S6AP413A18GN1C000 Datasheet HTML 2Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 3Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 4Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 5Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 6Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 7Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 8Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 9Page - Cypress Semiconductor S6AP413A18GN1C000 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Document Number: 002-08448 Rev.*A
Page 6 of 69
S6AP413A
Output Voltage (V)
Min
Typ
Max
Max
Min
DD2
VO2
±1.2
%
1.186
(*1)
1.200
(*1)
1.214
(*1)
1200
(15
00)
Buck
(synchronou
s
rectification)
C-mode
3.0
1.
0
10
1 to
16ms
At the
time
of
1.8V
settin
g, the
detail
s are
cf.
Conte
nts 17
5.0
Built-in
SWFE
T
Built-in
output
setting
resistor
s
Built-in
phase
compe
nsation
circuit
1.235
1.250
1.265
1.284
1.300
1.316
1.334
(*1)
1.350
(*1)
1.366
(*1)
1.383
1.400
1.417
1.433
1.450
1.467
1.482
(*1)
1.500
(*1)
1.518
(*1)
1.531
1.550
1.569
1.581
1.600
1.619
1.630
1.650
1.670
1.680
1.700
1.720
1.729
1.750
1.771
1.778
(*1)
1.800
(*1)
1.822
(*1)
1.828
1.850
1.872
1.877
1.900
1.923
1.927
1.950
1.973
DD3
VO3
±1.8
%
2.74
(*1)
2.80
(*1)
2.86
(*1)
600
(75
0)
Buck-boost
(synchronou
s
rectification)
C-mode
3.0
1.
0
22
1
to16m
s
At the
time
of
3.3V
settin
g, the
detail
s are
cf.
Conte
nts 17
5.0
Built-in
SWFE
T
Built-in
output
setting
resistor
s
Built-in
phase
compe
nsation
circuit
2.84
2.90
2.96
2.94
(*1)
3.00
(*1)
3.06
(*1)
3.04
3.10
3.16
3.14
3.20
3.26
3.23
(*1)
3.30
(*1)
3.37
(*1)
3.33
3.40
3.47
3.43
(*1)
3.50
(*1)
3.57
(*1)


Similar Part No. - S6AP413A18GN1C000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A18GN1C000 CYPRESS-S6AP412A18GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A28GN1C000 CYPRESS-S6AP412A28GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A38GN1C000 CYPRESS-S6AP412A38GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A58GN1C000 CYPRESS-S6AP412A58GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
More results

Similar Description - S6AP413A18GN1C000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
MB39C031 CYPRESS-MB39C031 Datasheet
1Mb / 69P
   2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Isahaya Electronics Cor...
VLA127-02R ISAHAYA-VLA127-02R Datasheet
548Kb / 4P
   IPM INTERFACE MODULE WITH DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com