Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6AP413A Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S6AP413A
Description  4ch DC/DC Converter with I2C Interface and Internal SW FETs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP413A Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S6AP413A Datasheet HTML 6Page - Cypress Semiconductor S6AP413A Datasheet HTML 7Page - Cypress Semiconductor S6AP413A Datasheet HTML 8Page - Cypress Semiconductor S6AP413A Datasheet HTML 9Page - Cypress Semiconductor S6AP413A Datasheet HTML 10Page - Cypress Semiconductor S6AP413A Datasheet HTML 11Page - Cypress Semiconductor S6AP413A Datasheet HTML 12Page - Cypress Semiconductor S6AP413A Datasheet HTML 13Page - Cypress Semiconductor S6AP413A Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Document Number: 002-08448 Rev.*A
Page 10 of 69
S6AP413A
5. Block Diagram
ErrAMP
PVCC2
SLP
CMP
PWM
Logic
Control
ICOMP
LX2
LV
CNV
AST
L Priority
PGND2
VCC
VCC
VCC
PG2
B
IN2
B
scp2
SLP
CMP
VCC
AST
LV
CNV
PWM
Logic
Control
AST
ErrAMP
ICOMP
L Priority
VCC
VCC
mode
cs3
scp3
PVCC3
LX3-1
LX3-2
VO3
PGND3
PG3
Common Block
VREF
BGR
(1.8V)
RT
VREF18
CT
OSC
cIK
VREF18
AVCC
GND
cs*
xclk
DAC
VREF18
cs2
<<DD2>>
UVLO
POR
ctl2
DAC
VREF18
<<DD3>>
UVLO
POR
ctl3
mode clk
xclk
Under
Voltage
Locked-Out
Thermal
Shut
Down
scp*
CTL1
CTL2
CTL3
ctl1
ctl2
ctl3
mode
Logic Control
Short Circuit Protection
(Timer & Latch)
Output Voltage Ajuster
Soft Start Control
CTLMAIN
DVCC
SCL
SDA
Logic
Control
CTL4
ErrAMP
<<DD1>>
PVCC1
SLP
CMP
PWM
Logic
Control
ICOMP
LX1
LV
CNV
AST
L Priority
PGND1
VCC
VCC
VCC
cs4
scp4
mode
UVLO
POR
PG1
ctl1
PVCC4
SLP
CMP
PWM
Logic
Control
ICOMP
LX4
LV
CNV
AST
PGND4
VCC
VCC
A
IN1
A
VCC:2.5V to 5.5V
DAC
VREF18
clk
cs1
scp1
L Priority
VCC
UVLO
POR
ctl4
DAC
VREF18
PG4
D
IN4
<<DD4>>
D
mode clk


Similar Part No. - S6AP413A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A18GN1C000 CYPRESS-S6AP412A18GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A28GN1C000 CYPRESS-S6AP412A28GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A38GN1C000 CYPRESS-S6AP412A38GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP412A58GN1C000 CYPRESS-S6AP412A58GN1C000 Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
More results

Similar Description - S6AP413A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
   3ch DC/DC Converter with I2C Interface and Internal SW FETs
MB39C031 CYPRESS-MB39C031 Datasheet
1Mb / 69P
   2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Isahaya Electronics Cor...
VLA127-02R ISAHAYA-VLA127-02R Datasheet
548Kb / 4P
   IPM INTERFACE MODULE WITH DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com