Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4246PVI-DS402 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C4246PVI-DS402
Description  Programmable System-on-Chip (PSoC짰)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4246PVI-DS402 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C4246PVI-DS402 Datasheet HTML 3Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 4Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 5Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 6Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 7Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 8Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 9Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 10Page - Cypress Semiconductor CY8C4246PVI-DS402 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PSoC® 4: PSoC 4200DS Family
Datasheet
Document Number: 001-98044 Rev. *D
Page 7 of 28
Fixed Function Digital
Timer/Counter/PWM (TCPWM) Block
The TCPWM block uses a16-bit counter with user-program-
mable period length. There is a Capture register to record the
count value at the time of an event (which may be an I/O event),
a period register which is used to either stop or auto-reload the
counter when its count is equal to the period register, and
compare registers to generate compare value signals, which are
used as PWM duty cycle outputs. The block also provides true
and complementary outputs with programmable offset between
them to allow use as deadband programmable complementary
PWM outputs. It also has a Kill input to force outputs to a prede-
termined state; for example, this is used in motor drive systems
when an overcurrent state is indicated and the PWMs driving the
FETs need to be shut off immediately with no time for software
intervention. The PSoC 4200D has four TCPWM blocks.
Serial Communication Blocks (SCB)
The PSoC 4200D has three SCBs, which can each implement
an I2C, UART, or SPI interface.
I2C Mode: The hardware I2C block implements a full
multi-master and slave interface (it is capable of multimaster
arbitration). This block is capable of operating at speeds of up to
1 Mbps (Fast Mode Plus) and has flexible buffering options to
reduce interrupt overhead and latency for the CPU. It also
supports EzI2C that creates a mailbox address range in the
memory of the PSoC 4200D and effectively reduces I2C commu-
nication to reading from and writing to an array in memory. In
addition, the block supports an 8-deep FIFO for receive and
transmit which, by increasing the time given for the CPU to read
data, greatly reduces the need for clock stretching caused by the
CPU not having read data on time. The FIFO mode is available
in all channels and is very useful in the absence of DMA.
The I2C peripheral is compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/O is implemented with GPIO in open-drain modes.
UART Mode: This is a full-feature UART operating at up to
1 Mbps. It supports automotive single-wire interface (LIN),
infrared interface (IrDA), and SmartCard (ISO7816) protocols, all
of which are minor variants of the basic UART protocol. In
addition, it supports the 9-bit multiprocessor mode that allows
addressing of peripherals connected over common RX and TX
lines. Common UART functions such as parity error, break
detect, and frame error are supported. An 8-deep FIFO allows
much greater CPU service latencies to be tolerated. Note that
hardware handshaking is not supported. This is not commonly
used and can be implemented with a UDB-based UART in the
system, if required.
SPI Mode: The SPI mode supports full Motorola SPI, TI SSP
(essentially adds a start pulse used to synchronize SPI Codecs),
and National Microwire (half-duplex form of SPI). The SPI block
can use the FIFO to buffer transfers.
GPIO
The PSoC 4200DS has 21 GPIOs in the 25-ball CSP package.
The GPIO block implements the following:
Eight drive strength modes including strong push-pull, resistive
pull-up and pull-down, weak (resistive) pull-up and pull-down,
open drain and open source, input only, and disabled
Input threshold select (CMOS or LVTTL)
Individual control of input and output disables
Hold mode for latching previous state (used for retaining I/O
state in Deep Sleep mode)
Selectable slew rates for dV/dt related noise control to improve
EMI
The pins are organized in logical entities called ports, which are
8-bit in width. During power-on and reset, the blocks are forced
to the disable state so as not to crowbar any inputs and/or cause
excess turn-on current. A multiplexing network known as a
high-speed I/O matrix is used to multiplex between various
signals that may connect to an I/O pin. Pin locations for
fixed-function peripherals are also fixed to reduce internal multi-
plexing complexity (these signals do not go through the DSI
network). DSI signals are not affected by this and any pin may
be routed to any UDB through the DSI network.
Data output and pin state registers store, respectively, the values
to be driven on the pins and the states of the pins themselves.
Every I/O pin can generate an interrupt if so enabled and each
I/O port has an interrupt request (IRQ) and interrupt service
routine (ISR) vector associated with it (4 for the PSoC 4200DS).


Similar Part No. - CY8C4246PVI-DS402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4246PVI-DS402 CYPRESS-CY8C4246PVI-DS402 Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4246PVI-DS402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com