Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4245PVI-DS402 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C4245PVI-DS402
Description  Programmable System-on-Chip (PSoC짰)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4245PVI-DS402 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C4245PVI-DS402 Datasheet HTML 6Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 7Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 8Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 9Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 10Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 11Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 12Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 13Page - Cypress Semiconductor CY8C4245PVI-DS402 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PSoC® 4: PSoC 4200DS Family
Datasheet
Document Number: 001-98044 Rev. *D
Page 10 of 28
Power
The supply voltage range is 1.71 to 5.5 V with all functions and
circuits operating over that range.
The PSoC 4200DS family allows two distinct modes of power
supply operation: Unregulated External Supply and Regulated
External Supply modes.
Unregulated External Supply
In this mode, the PSoC 4200DS is powered by an External
Power Supply that can be anywhere in the range of 1.8 to 5.5 V.
This range is also designed for battery-powered operation, for
instance, the chip can be powered from a battery system that
starts at 3.5V and works down to 1.8 V. In this mode, the internal
regulator of the PSoC 4200DS supplies the internal logic and the
VCCD output of the PSoC 4200DS must be bypassed to ground
via an external capacitor.
Bypass capacitors must be used from VDDD to ground, typical
practice for systems in this frequency range is to use a capacitor
in the 1 µF range in parallel with a smaller capacitor (0.1 µF, for
example). Note that these are simply rules of thumb and that, for
critical applications, the PCB layout, lead inductance, and the
Bypass capacitor parasitic should be simulated to design and
obtain optimal bypassing.
Regulated External Supply
In this mode, the PSoC 4200DS is powered by an external power
supply that must be within the range of 1.71 to 1.89 V (1.8 ±5%);
note that this range needs to include power supply ripple. In this
mode, VCCD and VDDD pins are shorted together and
bypassed. The internal regulator should be disabled in firmware.
Development Support
The PSoC 4200DS family has a rich set of documentation, devel-
opment tools, and online resources to assist you during your
development process. Visit www.cypress.com/go/psoc4 to find
out more.
Documentation
A suite of documentation supports the PSoC 4200DS family to
ensure that you can find answers to your questions quickly. This
section contains a list of some of the key documents.
Software User Guide
: A step-by-step guide for using
PSoC Creator. The software user guide shows you how the
PSoC Creator build process works in detail, how to use source
control with PSoC Creator, and much more.
Component Datasheets
: The flexibility of PSoC allows the
creation of new peripherals (components) long after the device
has gone into production. Component data sheets provide all of
the information needed to select and use a particular component,
including a functional description, API documentation, example
code, and AC/DC specifications.
Application Notes
: PSoC application notes discuss a particular
application of PSoC in depth; examples include brushless DC
motor control and on-chip filtering. Application notes often
include example projects in addition to the application note
document.
Technical Reference Manual
: The Technical Reference Manual
(TRM) contains all the technical detail you need to use a PSoC
device, including a complete description of all PSoC registers.
Online
In addition to print documentation, the Cypress PSoC forums
connect you with fellow PSoC users and experts in PSoC from
around the world, 24 hours a day, 7 days a week.
Tools
With industry standard cores, programming, and debugging
interfaces, the PSoC 4200DS family is part of a development tool
ecosystem. Visit us at www.cypress.com/go/psoccreator for the
latest information on the revolutionary, easy to use PSoC Creator
IDE, supported third party compilers, programmers, debuggers,
and development kits.
Power Supply
Typical Bypass Capacitors
VDDD–VSS
0.1-µF ceramic at each pin plus bulk
capacitor 1 to 10 µF.
VCCD–VSS
0.1-µF ceramic capacitor at the VCCD pin


Similar Part No. - CY8C4245PVI-DS402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4245PVI-DS402 CYPRESS-CY8C4245PVI-DS402 Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C4245PVI-DS402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com