Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6AE102A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S6AE102A
Description  Energy Harvesting PMIC for Wireless Sensor Node
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AE102A Datasheet(HTML) 4 Page - Cypress Semiconductor

  S6AE102A Datasheet HTML 1Page - Cypress Semiconductor S6AE102A Datasheet HTML 2Page - Cypress Semiconductor S6AE102A Datasheet HTML 3Page - Cypress Semiconductor S6AE102A Datasheet HTML 4Page - Cypress Semiconductor S6AE102A Datasheet HTML 5Page - Cypress Semiconductor S6AE102A Datasheet HTML 6Page - Cypress Semiconductor S6AE102A Datasheet HTML 7Page - Cypress Semiconductor S6AE102A Datasheet HTML 8Page - Cypress Semiconductor S6AE102A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Document Number: 002-08501 Rev.*D
Page 4 of 36
S6AE102A / S6AE103A
4. Pin Descriptions
Table 4-1 Pin Descriptions
Pin No.
Pin Name
I/O
Description
S6AE102A
S6AE103A
1
1
VOUT1
O
Output voltage pin
2
2
VSTORE1
O
Storage output pin
3
3
VOUT2
O
Output voltage pin
4
4
CIN2
O
Timer time 2 (T2) setting pin(for connecting capacitor)
For the pin setting, refer to "Table 9-2 Power Gating Operation
Mode"
5
CIN1
O
Timer time 1 (T1) setting pin(for connecting capacitor)
For the pin setting, refer to "Table 9-2 Power Gating Operation
Mode"
5
6
CIN0
O
Timer time 0 (T0) setting pin(for connecting capacitor)
For the pin setting, refer to "Table 9-2 Power Gating Operation
Mode"
7
SW_CNT/COMPOUT
O
VOUT1 switch interlocking output pin / Comparator output pin
6
SW_CNT
O
VOUT1 switch interlocking output pin
7
8
INT
I
Event driven mode control pin
For the pin setting, refer to "Table 9-2 Power Gating Operation
Mode" (when being not used, connect this pin to AGND )
8
9
STBY_LDO
I
LDO operation mode setting pin
For the pin setting, refer to "Table 9-4 LDO Operation Mode"
(when being not used, connect this pin to AGND )
9
10
ENA_LDO
I
LDO output control pin
For the pin setting, refer to "Table 9-4 LDO Operation Mode"
(when being not used, connect this pin to AGND )
11
COMPM
I
Comparator Input pin
(when being not used, leave this pin open )
10
12
SET_VOUTFB
O
Reference voltage output pin (for connecting resistor)
13
COMPP
I
Comparator input pin
(when being not used, leave this pin open )
11
14
SET_VOUTH
I
VOUT1, VOUT2 output voltage setting pin (for connecting resistor)
12
15
SET_VOUTL
I
VOUT1, VOUT2 output voltage setting pin (for connecting resistor)
13
16
VIN_LDO
I
LDO power input pin
(when being not used, connect this pin to AGND )
14
17
VOUT_LDO
O
LDO output pin
15
18
FB_LDO
I
LDO output voltage setting pin (for connecting resistor)
(when being not used, leave this pin open )
16
19
VDD
I
Solar cell input pin
(when being not used, leave this pin open )
20
ENA_COMP
I
Comparator control pin
For the pin setting, refer to "9.5 General-Purpose Comparator"
(when being not used, connect this pin to AGND )
17
21
AGND
Ground pin
18
22
VSTORE2
O
Storage output pin
(Supplying power to VSTORE1 pin via an external diode)
19
23
VINT
O
Internal circuit storage output pin
20
24
VBAT
I
Primary battery input pin
(when being not used, leave this pin open )


Similar Part No. - S6AE102A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AE101A CYPRESS-S6AE101A Datasheet
910Kb / 23P
   Energy Harvesting PMIC for Wireless Sensor Node
S6AE101A0DGNAB000 CYPRESS-S6AE101A0DGNAB000 Datasheet
910Kb / 23P
   Energy Harvesting PMIC for Wireless Sensor Node
More results

Similar Description - S6AE102A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AE101A CYPRESS-S6AE101A Datasheet
910Kb / 23P
   Energy Harvesting PMIC for Wireless Sensor Node
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
Cypress Semiconductor
MB39C811 CYPRESS-MB39C811 Datasheet
2Mb / 36P
   Ultra Low Power Buck PMIC Solar/Vibrations Energy Harvesting
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Advantech Co., Ltd.
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com