![]() |
Electronic Components Datasheet Search |
|
MAX2624EUA Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX2624EUA Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 6 page ![]() Detailed Description Oscillator The MAX2622/MAX2623/MAX2624 VCOs are imple- mented as an LC oscillator topology, integrating all of the tank components on-chip. This fully monolithic approach provides an extremely easy-to-use VCO, equivalent to a VCO module. The frequency is con- trolled by a voltage applied to the TUNE pin, which is internally connected to the varactor. The VCO core uses a differential topology to provide a stable frequen- cy versus supply voltage and improve the immunity to load variations. In addition, there is a buffer amplifier following the oscillator core to provide added isolation from load variations and to boost the output power. Output Buffer The oscillator signal from the core drives an output buffer amplifier. The amplifier is constructed as a com- mon-emitter stage with an integrated on-chip reactive output match. No external DC blocking capacitor is required, eliminating the need for any external compo- nents. The output amplifier has its own VCC and GND pins to minimize load-pulling effects. The amplifier boosts the oscillator signal to a level suitable for driving most RF mixers. Applications Information Tune Input The tuning input is typically connected to the output of the PLL loop filter. The loop filter is presumed to pro- vide an appropriately low-impedance source. It may incorporate an extra RC filter stage to reduce high-fre- quency noise and spurious signals. Any excess noise on the tuning input is directly translated into FM noise, which can degrade the phase-noise performance of the oscillator. Therefore, it is important to minimize the noise introduced on the tuning input. A simple RC filter with low corner frequency is needed during testing in order to filter the noise present on the voltage source driving the tuning line. Layout Issues Always use controlled impedance lines (microstrip, coplanar waveguide, etc.) for high-frequency signals. Always place decoupling capacitors as close to the VCC pins as possible; for long VCC lines, it may be nec- essary to add additional decoupling capacitors located further from the device. Always provide a low-induc- tance path to ground, and keep GND vias as close to the device as possible. Thermal reliefs on GND pads are not recommended. Monolithic Voltage-Controlled Oscillators 4 _______________________________________________________________________________________ NAME FUNCTION 1 N.C. No Connection. Not internally connected. 2 TUNE Oscillator Frequency Tuning Voltage Input. High-impedance input with a voltage input range of 0.4V (low frequency) to 2.4V (high frequency) adjustment. PIN 3 GND Ground Connection for Oscillator and Biasing. Requires a low-inductance connection to the circuit board ground plane. 4 SHDN Shutdown Logic Input. A high-impedance input logic level low disables the device and reduces supply current to 0.1µA. A logic level high enables the device. 8 GND Ground Connection for Output Buffer. Requires a low-inductance connection to the circuit board ground plane. 7 OUT Buffered Oscillator Output 6 VCC Bias and Oscillator DC Supply Voltage Connection. Bypass with a 220pF capacitor to GND for low noise and low spurious content performance from the oscillator. 5 VCC Output Buffer DC Supply Voltage Connection. Bypass with a 220pF capacitor to GND for best high- frequency performance. Pin Description |
Similar Part No. - MAX2624EUA |
|
Similar Description - MAX2624EUA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |