Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2624EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2624EUA
Description  Monolithic Voltage-Controlled Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2624EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2624EUA Datasheet HTML 1Page - Maxim Integrated Products MAX2624EUA Datasheet HTML 2Page - Maxim Integrated Products MAX2624EUA Datasheet HTML 3Page - Maxim Integrated Products MAX2624EUA Datasheet HTML 4Page - Maxim Integrated Products MAX2624EUA Datasheet HTML 5Page - Maxim Integrated Products MAX2624EUA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Monolithic Voltage-Controlled Oscillators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VCC = +2.7V to +5.5V, VTUNE = 1.4V, V SHDN = 2V, OUT = unconnected, TA = -40°C to +85°C, unless
otherwise noted. Typical values are at VCC = +3V, TA = +25°C.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VCC = +2.7V to +5.5V, VTUNE = 0.4V to 2.4V, V SHDN = 2V, TA = +25°C, unless otherwise noted. Typical
values measured at VCC = +3V.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Specifications are production tested at TA = +25°C. Limits over temperature are guaranteed by design and characterization.
Note 2: Tuning gain is measured at VTUNE = 0.4V with a 0.2V step to 0.6V. At low VTUNE, tuning gain is highest.
Note 3: Measurements taken on MAX262_ EV kit.
VCC to GND ..............................................................-0.3V to +6V
TUNE, SHDN to GND .................................-0.3V to (VCC + 0.3V)
OUT to GND ...............................................-0.3V to (VCC + 0.6V)
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 5.7mW/°C above TA = +70°C).....457mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
V SHDN
≤ 0.6V
0.4V
≤ VTUNE ≤ 2.4V
V SHDN
≤ 0.6V
V SHDN
≥ 2.0V
CONDITIONS
µA
0.1
5
Shutdown Supply Current
mA
811.5
V
2.7
5.5
Supply Voltage
Supply Current
nA
0.01
TUNE Input Current
V
0.6
SHDN Input Voltage Low
V
2.0
SHDN Input Voltage High
µA
-0.5
0.5
SHDN Input Current Low
µA
-0.5
0.5
SHDN Input Current High
UNITS
MIN
TYP
MAX
PARAMETER
fOFFSET = 100kHz
fOFFSET = 1MHz
dBc/Hz
-101
Phase Noise
-119
VCC stepped from 2.8V to 3.3V
VSWR = 2:1, all phases
VTUNE = 0.4V (Note 3)
CONDITIONS
885
950
kHz/V
280
Supply Pushing
MHzp-p
0.75
MAX2623, VTUNE = 0.4V to 2.4V, TA = -20°C to +75°C
Load Pulling
dBc
-27
Harmonics
dB
-10
Return Loss (Note 3)
dBm/Hz
-151
Noise Floor
dBm
-3
Output Power
UNITS
MIN
TYP
MAX
PARAMETER
MAX2622, VTUNE = 0.4V to 2.4V, TA = -40°C to +85°C
Oscillator Frequency Range
MHz
855
881
VTUNE = 0.4V to 2.4V
MHz/V
75
100
Maximum Tuning Gain (Note 2)
MAX2624, VTUNE = 0.4V to 2.4V, TA = -40°C to +85°C
947
998


Similar Part No. - MAX2624EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2624EUA MAXIM-MAX2624EUA Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
More results

Similar Description - MAX2624EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2622 MAXIM-MAX2622_V01 Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com