Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7389A Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # L7389A
Description  Miniature Quartz Halogen Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

L7389A Datasheet(HTML) 2 Page - Gilway Technical Lamp

  L7389A Datasheet HTML 1Page - Gilway Technical Lamp L7389A Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Quartz Halogen Projection Lamps
Color Temp.
Filament
Line
Part
Degrees
Life
Burning
Filament
Dimensions
Dimensions
Base
No.
No.
Volts
Watts Lumens
Kelvin
Hours
Position
Type
Lgth. x Dia.
D
MOL
LCL
Type
Drawing
1
L7418
24
250
6,750
3,250
300
Any*
C-Bar-6
7.2 x 3.4
14.5
57
33
GY6.35
A
2
L7419
36
400
14,000
3,400
50
Any*
C-Bar-6
9.0 x 4.6
18.0
60
36
GY6.35
A
3
L7420
36
400
10,500
3,250
300
Any*
C-Bar-6
11.8 x 4.6
19.5
60
36
GY6.35
A
4
L7421
120
100
1,900
3,000
200
Any*
CC-6
7.0 x 2.6
13.5
50
30
GY6.35
A
5
L7422
120
150
3,300
3,050
200
Any*
CC-6
7.1 x 3.1
13.5
50
30
GY6.35
A
6
L7423
120
250
5,750
3,100
300
Any*
CC-6
10.5 x 3.6
16.0
50
33
GY6.35
A
* Seal Temperature Must Not Exceed 350°C. Recommended Holders/Sockets Pages 32 & 33
A
D
Precision Quartz Halogen Lamps, Prefocused Filaments
Color Temp.
Filament
Line
Part
Degrees
Life
Burning Filament
Dimensions
Dimensions
Base
No.
No.
Volts
Watts Lumens
Kelvin
Hours
Position
Type
Lgth. x Dia.
D
MOL
LCL
Type
Dwg
7
L9404
12.0
20
300
2,700
2,000
Any
C-6
3.24 x 0.92
11.0
55.0
30.3±0.25
GY9.5
B
8
L9389
12.0
50
900
3,000
2,000
Any
C-6
4.50 x1.64
12.0
60.0
33.3±0.25
GY9.5
C
9
L9390
12.0
100
2,400
2,990
2,000
*
C-Bar 6
5.50 x 3.00
11.0
60.0
33.3±0.25
GY9.5
D
*Base Down to Horizontal, Cooling Required L9390 Only. Recommended Holders/Sockets Page 35
B
C
18


Similar Part No. - L7389A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L7388 GILWAY-L7388 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
More results

Similar Description - L7389A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
   Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
OSRAM GmbH
64193NBL-HCB60 OSRAM-64193NBL-HCB60 Datasheet
106Kb / 3P
   Halogen headlight lamps
logo
STATEK CORPORATION
CX103 STATEK-CX103 Datasheet
131Kb / 2P
   Miniature Quartz Crystal
logo
List of Unclassifed Man...
NKS7-082-20 ETC2-NKS7-082-20 Datasheet
71Kb / 2P
   Miniature Quartz Crystals
logo
Gilway Technical Lamp
L1041 GILWAY-L1041 Datasheet
79Kb / 1P
   Lens-End Halogen Lamps
155-1500 GILWAY-155-1500 Datasheet
72Kb / 1P
   L7511 12V/50W QUARTZ, HALOGEN LAMP
logo
STATEK CORPORATION
TS1 STATEK-TS1 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
   Dimmer IC for Halogen Lamps
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
   dimmer IC for halogen lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com