Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3727EG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3727EG
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3727EG Datasheet(HTML) 1 Page - Linear Technology

  LTC3727EG Datasheet HTML 1Page - Linear Technology LTC3727EG Datasheet HTML 2Page - Linear Technology LTC3727EG Datasheet HTML 3Page - Linear Technology LTC3727EG Datasheet HTML 4Page - Linear Technology LTC3727EG Datasheet HTML 5Page - Linear Technology LTC3727EG Datasheet HTML 6Page - Linear Technology LTC3727EG Datasheet HTML 7Page - Linear Technology LTC3727EG Datasheet HTML 8Page - Linear Technology LTC3727EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC3727/LTC3727-1
3727f
High Efficiency, 2-Phase
Synchronous Step-Down Switching Regulators
Figure 1. High Efficiency Dual 12V/5V Step-Down Converter
s
Wide Output Voltage Range: 0.8V
≤ VOUT ≤ 14V
s
Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
s
OPTI-LOOP
® Compensation Minimizes COUT
s
±1% Output Voltage Accuracy
s
Power Good Output Voltage Monitor
s
Phase-Lockable Fixed Frequency 250kHz to 550kHz
s
Latched Short-Circuit Shutdown (LTC3727 Only)
s
Dual N-Channel MOSFET Synchronous Drive
s
Wide VIN Range: 4V to 36V Operation
s
Very Low Dropout Operation: 99% Duty Cycle
s
Adjustable Soft-Start Current Ramping
s
Foldback Output Current Limiting
s
Output Overvoltage Protection
s
Low Shutdown IQ: 20µA
s
Small 28-Lead SSOP Package
s
LTC3727-1 Also Available in the 5mm
× 5mm QFN
Package
s
Selectable Constant Frequency or Burst Mode
®
Operation
The LTC
®3727/LTC3727-1 are high performance dual
step-down switching regulator controllers that drive all
N-channel synchronous power MOSFET stages. A con-
stant frequency current mode architecture allows phase-
lockable frequency of up to 550kHz. Power loss and noise
due to the ESR of the input capacitors are minimized by
operating the two controller output stages out of phase.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capacitance and
ESR values. There is a precision 0.8V reference and a power
good output indicator. A wide 4V to 30V (36V maximum)
input supply range encompasses all battery chemistries.
A RUN/SS pin for each controller provides soft-start, and
on the LTC3727GN, optional timed, short-circuit shut-
down. Current foldback limits MOSFET heat dissipation
during short-circuit conditions when overcurrent latchoff
is disabled. Output overvoltage protection circuitry latches
on the bottom MOSFET until VOUT returns to normal. The
FCB mode pin can select among Burst Mode, constant
frequency mode and continuous inductor current mode or
regulate a secondary winding. The LTC3727/LTC3727-1
include a power good output pin that indicates when both
outputs are within 7.5% of their designed set point.
s
Telecom Systems
s
Automotive Systems
s
Battery-Operated Digital Devices
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
+
4.7
µF
M2
M1
0.1
µF
105k
1%
1000pF
8
µH
220pF
1
µF
CERAMIC
22
µF
50V
CERAMIC
+
47
µF
6V
SP
0.015
20k
1%
15k
VOUT1
5V
5A
M4
M3
0.1
µF
280k
1%
15
µH
220pF
1000pF
+ 56µF
15V
SP
0.015
20k
1%
15k
VOUT2
12V
4A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1
SENSE2
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN PGOOD INTVCC
RUN/SS1
RUN/SS2
VIN
18V TO 28V
M1, M2, M3, M4: FDS6680A
1628 F01
0.1
µF
0.1
µF
LTC3727/
LTC3727-1
PLLIN
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC3727EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3727 LINER-LTC3727 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Linear Integrated Syste...
LTC3727 LINEAR-LTC3727 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC3727 LINER-LTC3727 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
logo
Analog Devices
LTC3727 AD-LTC3727 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
LTC3727 AD-LTC3727 Datasheet
476Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3727EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
   2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com