Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3727 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3727
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3727 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3727 Datasheet HTML 15Page - Linear Technology LTC3727 Datasheet HTML 16Page - Linear Technology LTC3727 Datasheet HTML 17Page - Linear Technology LTC3727 Datasheet HTML 18Page - Linear Technology LTC3727 Datasheet HTML 19Page - Linear Technology LTC3727 Datasheet HTML 20Page - Linear Technology LTC3727 Datasheet HTML 21Page - Linear Technology LTC3727 Datasheet HTML 22Page - Linear Technology LTC3727 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
LTC3727/LTC3727-1
3727f
Regulating an output voltage of 1.8V, the maximum value
of R1 should be 32K. Note that for an output voltage above
2.4V, R1 has no maximum value necessary to absorb the
sense currents; however, R1 is still bounded by the
VOSENSE feedback current.
Soft-Start/Run Function
The RUN/SS1 and RUN/SS2 pins are multipurpose pins
that provide a soft-start function and a means to shut
down the LTC3727. Soft-start reduces the input power
source’s surge currents by gradually increasing the
controller’s current limit (proportional to VITH). This pin
can also be used for power supply sequencing.
An internal 1.2
µA current source charges up the CSS
capacitor. When the voltage on RUN/SS1 (RUN/SS2)
reaches 1.5V, the particular controller is permitted to start
operating. As the voltage on RUN/SS increases from 1.5V
to 3.0V, the internal current limit is increased from 45mV/
RSENSE to 135mV/RSENSE. The output current limit ramps
up slowly, taking an additional 1.25s/
µF to reach full
current. The output current thus ramps up slowly, reduc-
ing the starting surge current required from the input
power supply. If RUN/SS has been pulled all the way to
ground there is a delay before starting of approximately:
t
V
A
Cs
F C
DELAY
SS
SS
=
µ
()
15
12
125
.
.
./
t
VV
A
Cs
F C
IRAMP
SS
SS
=
µ
()
31 5
12
125
.
.
./
By pulling both RUN/SS pins below 1V, the LTC3727 is
put into low current shutdown (IQ = 20µA). The RUN/SS
pins can be driven directly from logic as shown in Fig-
ure 7. Diode D1 in Figure 7 reduces the start delay but
allows CSS to ramp up slowly providing the soft-start
function. Each RUN/SS pin has an internal 6V zener clamp
(See Functional Diagram).
Fault Conditions: Overcurrent Latchoff (LTC3727 Only)
The RUN/SS pins also provide the ability to latch off the
controller(s) when an overcurrent condition is detected.
The RUN/SS capacitor, CSS, is used initially to turn on and
limit the inrush current. After the controller has been
started and been given adequate time to charge up the
output capacitor and provide full load current, the RUN/SS
capacitor is used for a short-circuit timer. If the regulator’s
output voltage falls to less than 70% of its nominal value
after CSS reaches 4.1V, CSS begins discharging on the
assumption that the output is in an overcurrent condition.
If the condition lasts for a long enough period as deter-
mined by the size of the CSS and the specified discharge
current, the controller will be shut down until the RUN/SS
pin voltage is recycled. If the overload occurs during start-
up, the time can be approximated by:
tLO1 ≈ [CSS(4.1 – 1.5 + 4.1 – 3.5)]/(1.2µA)
= 2.7 • 106 (CSS)
If the overload occurs after start-up the voltage on CSS will
begin discharging from the zener clamp voltage:
tLO2 ≈ [CSS (6 – 3.5)]/(1.2µA) = 2.1 • 106 (CSS)
This built-in overcurrent latchoff can be overridden by
providing a pull-up resistor to the RUN/SS pin as shown
in Figure 7. This resistance shortens the soft-start period
and prevents the discharge of the RUN/SS capacitor
during an over current condition. Tying this pull-up resis-
tor to VIN as in Figure 7a, defeats overcurrent latchoff.
Diode-connecting this pull-up resistor to INTVCC, as in
Figure 7b, eliminates any extra supply current during
controller shutdown while eliminating the INTVCC loading
from preventing controller start-up. This pull-up resistor
is not needed in LTC3727-1 designs.
Figure 7. RUN/SS Pin Interfacing
APPLICATIO S I FOR ATIO
3.3V OR 5V
RUN/SS
VIN
INTVCC
RUN/SS
D1
CSS
RSS*
CSS
RSS*
3727 F07
(7a)
(7b)
*OPTIONAL TO DEFEAT OVERCURRENT
LATCHOFF (NOT NEEDED WITH THE LTC3727-1)


Similar Part No. - LTC3727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3727 LINER-LTC3727 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Linear Integrated Syste...
LTC3727 LINEAR-LTC3727 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC3727 LINER-LTC3727 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
logo
Analog Devices
LTC3727 AD-LTC3727 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
LTC3727 AD-LTC3727 Datasheet
476Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
   2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com