Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1H40A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LT1H40A
Description  2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT1H40A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LT1H40A Datasheet HTML 1Page - List of Unclassifed Manufacturers LT1H40A Datasheet HTML 2Page - List of Unclassifed Manufacturers LT1H40A Datasheet HTML 3Page - List of Unclassifed Manufacturers LT1H40A Datasheet HTML 4Page - List of Unclassifed Manufacturers LT1H40A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Leadless Chip LED Device
LT1t40A series
93
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LT1t40A series
s Outline Dimensions
Cathode mark
1.2
2.0
0.8
0.4
0.4
1.25
1.25
1.1
Device center
Recommended PWB pattern for soldering
1
2
1
2
1.Plating area
Resist
2.Pin connections
1 Cathode
2 Anode
3.Unspecified tolerance:
±0.1
s Radiation Diagram
80
40
20
0
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
Y
X
100
80
40
20
0
60
100
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
LT1U40A
LT1P40A
LT1D40A
LT1S40A
LT1H40A
LT1E40A
LT1K40A
Red(Super-luminosity) GaAlAs on GaAlAs
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
75
23
84
84
84
84
84
30
10
30
30
30
30
30
50
50
50
50
50
50
50
0.40
0.13
0.40
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
0.67
0.67
4
5
5
5
5
5
5
350
350
350
350
350
350
350
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-30 to +85
-30 to +85
-40 to +100
-40 to +100
-30 to +85
-30 to +85
-40 to +100
-40 to +100
-30 to +85
-30 to +85
-40 to +100
-40 to +100
-30 to +85
-40 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 For 3s or less at the temperature of hand soldering. Temperature of reflow soldering is shown on the below page.
s Absolute Maximum Ratings
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT1U40A
LT1P40A
LT1D40A
LT1S40A
LT1H40A
LT1E40A
LT1K40A
1.85
1.9
2.0
2.0
2.0
2.1
2.1
2.5
2.3
2.8
2.8
2.8
2.8
2.8
660
695
635
610
585
570
555
20
5
20
20
20
20
20
35.6
1.3
11.9
9.4
10.8
19.0
5.0
20
5
20
20
20
20
20
20
100
35
35
30
30
25
20
5
20
20
20
20
20
100
10
10
10
10
10
10
3
4
4
4
4
4
4
25
55
20
15
35
35
40
1
1
1
1
1
1
1
Milky
diffusion
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
2125 Size, 0.8mm Thickness,
Leadless Chip LED Devices
U type: There is Anode mark on the device because polarity faces in the
opposite direction.


Similar Part No. - LT1H40A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1H40A ETC1-LT1H40A Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
More results

Similar Description - LT1H40A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1U40A SHARP-LT1U40A Datasheet
96Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
LT1EH67A SHARP-LT1EH67A Datasheet
104Kb / 4P
   1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
LT1W67A SHARP-LT1W67A Datasheet
37Kb / 1P
   1616 Size, 0.8mm Thickness, Compact Full Color Leadless Chip LED Device
LT1U97A SHARP-LT1U97A Datasheet
104Kb / 5P
   1608 Size, Super Thin Type(0.6mm), Leadless Chip LED Devices
LT1W92A SHARP-LT1W92A Datasheet
36Kb / 1P
   3030 Size, 1.1mm Thickness, MID* Type Full Color Leadless Chip LED Device
logo
STANLEY ELECTRIC CO.,LT...
VFHA1112H-3BZ2C-TR STANLEY-VFHA1112H-3BZ2C-TR Datasheet
1Mb / 21P
   2125(t=0.8mm) Type, diffused lens
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
PG1112H-TR STANLEY-PG1112H-TR Datasheet
431Kb / 21P
   2125(h =0.8mm) Type, Milky White resin
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com